Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXCT03 Datasheet(PDF) 2 Page - Rakon Limited

Part # TMXCT03
Description  SAW Bandpass Filters | Wireless Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXCT03 Datasheet(HTML) 2 Page - Rakon Limited

  TMXCT03 Datasheet HTML 1Page - Rakon Limited TMXCT03 Datasheet HTML 2Page - Rakon Limited TMXCT03 Datasheet HTML 3Page - Rakon Limited TMXCT03 Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TMX CT03
SAW Bandpass Filters | Wireless Communications
Issue: PRELIMINARY, 9 January 2023
Specifications are subject to change without notice
Copyright © 2023 Rakon Limited. All rights reserved
Page 1 of 3
www.rakonxpress.com
Features
Maximum Ratings
Parameter
Min.
Typ.
Max.
Unit
Storage temperature range (T
stg)
-40
85
°C
Operating temperature range (T
A)
-20
70
°C
DC Voltage
(VDC)
3.0
V
Input Power
10
dBm
Frequency and Electrical Characteristics (Reference temperature @ 25°C)
Parameter
Min.
Typ.1
Max.
Unit
Source impedance2 (Single ended)
50
Ω
Load impedance2 (Single ended)
50
Ω
Center frequency (fC)
770
MHz
Bandwidth (BW, passband width)
20.00
MHz
Absolute Attenuation
From 560 to 730 MHz
From 824 to 849 MHz
From 849 to 970 MHz
48
36
50
51.4
44
64
dB
Insertion loss (IL, 760 – 780 MHz)
2.1
3.0
dB
Amplitude ripple (760 – 780 MHz)
0.6
1.5
dB
VSWR (760 – 780 MHz)
1.6
2.0
1
Typical values are nominal performances at room temperature
2 No external matching is required
Features
Applications
3.0 x 3.0 x 1.1 mm
770 MHz center frequency
Ceramic package for Surface Mounted Technology
Low Loss: 2.1 dB typical value within PassBand
Width 760 to 780 MHz
Wireless applications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com