Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXCT03 Datasheet(PDF) 3 Page - Rakon Limited

Part # TMXCT03
Description  SAW Bandpass Filters | Wireless Communications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

TMXCT03 Datasheet(HTML) 3 Page - Rakon Limited

  TMXCT03 Datasheet HTML 1Page - Rakon Limited TMXCT03 Datasheet HTML 2Page - Rakon Limited TMXCT03 Datasheet HTML 3Page - Rakon Limited TMXCT03 Datasheet HTML 4Page - Rakon Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TMX CT03
SAW Bandpass Filters | Wireless Communications
Issue: PRELIMINARY, 9 January 2023
Specifications are subject to change without notice
Copyright © 2023 Rakon Limited. All rights reserved
Page 2 of 3
www.rakonxpress.com
Model Outline, Pin Connection and Marking
Test Circuit
Pin
Connections
B
Input
E
Output
A, C, D, F
GND
Marking
Note
Line 1
NNNN
Reference to RakonXpress part number with
only the last 4 digits
Line 2
RYWWZZ
R = Partner identifier
Y = Last digit of the year
WW = Number of week in the year
ZZ = Lot number in the week (from AA to ZZ)
Line 3
•
• = Identify black dot
TOP VIEW
BOTTOM VIEW
FRONT VIEW
SIDE VIEW
A
B
C
F
E
D
Marking
3.0 SQ
1.4 max
0.9
A
B
C
1.5
0.65
0.6
F
E
D
1.6
2.54
1.3
50 Ω / 50 Ω Configuration
SAW Filter
Input
Single, 50 Ω
Output
Single, 50 Ω
GND
A, C, D, F
E
B
Unit: mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com