Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1435214 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1435214
Description  HC-M-RJ45-AD-PC2-M - Contact insert module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1435214 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1435214 Datasheet HTML 1Page - PHOENIX CONTACT 1435214 Datasheet HTML 2Page - PHOENIX CONTACT 1435214 Datasheet HTML 3Page - PHOENIX CONTACT 1435214 Datasheet HTML 4Page - PHOENIX CONTACT 1435214 Datasheet HTML 5Page - PHOENIX CONTACT 1435214 Datasheet HTML 6Page - PHOENIX CONTACT 1435214 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Contact insert module, adapter for patch cables, the matching patch cables can be found in the
accessories list
Commercial data
Item number
1435214
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
BF62
Product key
BF7ACE
GTIN
4063151807269
Weight per piece (including packing)
12.9 g
Weight per piece (excluding packing)
12.9 g
Customs tariff number
85389099
Country of origin
PL
HC-M-RJ45-AD-PC2-M - Contact insert module
1435214
https://www.phoenixcontact.com/us/products/1435214
Nov 7, 2024, 6:17 AM
Page 1 (7)


Similar Part No. - 1435214

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1435218 PHOENIX-1435218 Datasheet
119Kb / 9P
Sensor/Actuator cable - SAC-3P-MR/ 3,0-PUR/BI-1L-Z SCO
More results

Similar Description - 1435214

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414354 PHOENIX-1414354 Datasheet
77Kb / 4P
Contact insert module - HC-M-12-CT-M
1414362 PHOENIX-1414362 Datasheet
77Kb / 4P
Contact insert module - HC-M-04-CT-M
1414374 PHOENIX-1414374 Datasheet
79Kb / 4P
Contact insert module - HC-M-25-CT-M
1417371 PHOENIX-1417371 Datasheet
73Kb / 4P
Contact insert module - HC-M-04-KT-M
1419885 PHOENIX-1419885 Datasheet
64Kb / 3P
Contact insert module - HC-M-RJ45-AD-PC-M
1419887 PHOENIX-1419887 Datasheet
72Kb / 3P
Contact insert module - HC-M-RJ45-08-M
1419888 PHOENIX-1419888 Datasheet
64Kb / 3P
Contact insert module - HC-M-RJI-AD-08-PC-M
1419891 PHOENIX-1419891 Datasheet
60Kb / 2P
Contact insert module - HC-M-04-LCFC-M
1417374 PHOENIX-1417374 Datasheet
67Kb / 3P
Contact insert module - HC-M-02-EMC-M
1424223 PHOENIX-1424223 Datasheet
779Kb / 18P
Contact insert module - HC-M-02-PT-M
Jul 29, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com