Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1435214 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1435214
Description  HC-M-RJ45-AD-PC2-M - Contact insert module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1435214 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1435214 Datasheet HTML 1Page - PHOENIX CONTACT 1435214 Datasheet HTML 2Page - PHOENIX CONTACT 1435214 Datasheet HTML 3Page - PHOENIX CONTACT 1435214 Datasheet HTML 4Page - PHOENIX CONTACT 1435214 Datasheet HTML 5Page - PHOENIX CONTACT 1435214 Datasheet HTML 6Page - PHOENIX CONTACT 1435214 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical data
Notes
General
Use the patch cable from the accessories list.
General
Connectors may be operated only when there is no load/voltage.
Mounting
To ensure correct use, installation in housing with IP54 protection
or better is required
Assembly note
IMPORTANT: Patch cables with a protector over the locking
mechanism must be pretreated for use in this module. The
protector over the locking mechanism must be extensively
removed using a diagonal cutter so that the patch cable can be
inserted without a collision with the neighboring module.
Product properties
Product type
Modular contact insert
Series
HC-M-RJ45
Application
Data
Sensor type
Ethernet
Number of positions
8
Connection profile
RJ45
Contact numbering
1 - 8
Number of module slots
1
Type
RJ45
Data management status
Article revision
00
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Dimensions
Dimensional drawing
Width
34.2 mm
Height
50.7 mm
Length
14.6 mm
Mechanical characteristics
Minimum housing height
72 mm
HC-M-RJ45-AD-PC2-M - Contact insert module
1435214
https://www.phoenixcontact.com/us/products/1435214
Nov 7, 2024, 6:17 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com