Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCH420V-R6 Datasheet(PDF) 2 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCH420V-R6
Description  HART-enabled vibration transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCH420V-R6 Datasheet(HTML) 2 Page - Amphenol Wilcoxon Sensing Technologies.

  PCH420V-R6 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
99249 Rev.F4 01/23
Note: Due to continuous process improvement, specifications are subject to change without notice. This document is cleared for public release.
PCH420V series
HART-enabled vibration transmitter
SPECIFICATIONS
HART PARAMETERS
Full scale velocity output, 20 mA, ±10%
Programmable PV band
0.5 - 5.0 in/sec, peak
(12.7 - 127 mm/sec, peak)
HART analysis bands, independently
programmable: PV, SV, TV
low-pass
high-pass
band-pass (max 2, simultaneous)
Signal detection options
RMS, peak, true peak
Minimum analysis bandwidth
10 Hz
SENSOR SPECIFICATIONS
Frequency response:
±10%
±3 dB
10 Hz - 1 kHz
3.0 Hz - 1.95 kHz
Measurement accuracy at 25°C,
100 Hz, 1 ips full scale
±5%
Power requirements, 2-wire loop power:
Voltage, between pins A and B
12 - 30 VDC
Current draw
3.8 - 22 mA
Loop resistance1 at 24 VDC, max
600 Ω
Turn on time, 4-20 mA loop
30 seconds
Grounding
case isolated, internally shielded
Temperature range
–40° to +105° C (–40° to +221°F)
Vibration limit
500 g peak
Shock limit
5,000 g peak
Sealing
hermetic
Sensing element design
PZT, shear
Case material
316L stainless steel
Mounting
1/4-28 tapped hole
-M12 models
-R6 models
Mating connector
4 pin, M12
2 pin, MIL-C-5015
Recommended cabling
J9T2A
J9T2A
Recommended connector
R75S
R6H series
Connections - PCH420V-R6
Function
Connector pin
loop positive
A
loop negative
B
ground
shell
Notes: 1 Maximum loop resistance (R
L) can be calculated by: RL =
HART communication requires min. 250Ω resistance.
Accessories supplied: SF6 mounting stud;
calibration data; DD (Device Description) file is
available for download at buy.wilcoxon.com.
V
DC power – 10.3 V
22.8 mA
Connections - PCH420V-M12
Function
Connector pin
loop positive
1
loop negative
2
N/C
3
N/C
4
ground
shell
M12 connector
2.75 [69.9mm]
1/4-28 MOUNTING HOLE
.86 [21.8mm]
.97 [24.6mm]
.75 [19.1mm]
MIL-C-5015
2 PIN CONNECTOR
1/4-28 MOUNTING HOLE
.86 [21.8mm]
.97 [24.6mm]
.75 [19.1mm]
M12
4 PIN CONNECTOR
2.52 [64.0mm]
R6 connector
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
www.wilcoxon.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com