Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCH420V-R6 Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCH420V-R6
Description  HART-enabled vibration transmitter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCH420V-R6 Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  PCH420V-R6 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
99249 Rev.F4 01/23
Note: Due to continuous process improvement, specifications are subject to change without notice. This document is cleared for public release.
PCH420V series
HART-enabled vibration transmitter
Key features
• 4-20 mA + HART 7.0 output
• Three user-configurable
bands
• Single or multi-drop loop
installation
• Hazardous area certified
models available
• Remote configuration and
diagnostics
• Connector options: 2 pin
MIL-C-5015 (-R6 models)
or M12 (-M12 models)
• Continuous asset monitoring
• Manufactured in an
approved ISO 9001 facility
Certifications
The PCH420V series sensors are velocity transmitters with 4-20 mA outputs and
the added capability of digital communications using HART protocol. The HART
functionality allows user configuration of the sensors, enables multi-drop cable
installations and allows the sensor to communicate directly with a HART-enabled
DCS or PLC. The benefits are a sensor that can be configured by the user for a
number of different full-scale ranges and filter settings, a reduction in the required
cabling, and simple connection to existing plant infrastructure. Digital sensors allow
improved connectivity into plant networks, improving efficiency and simplifying
decision-making about machinery health.
Model
Description
PCH420V-R6(-HZ)
4-20 mA + HART velocity sensor with
2 pin MIL-C-5015 connector
PCH420V-M12(-HZ)
4-20 mA + HART velocity sensor with
4 pin M12 connector
Device variables:
PV - Vibration band 1
SV - Vibration band 2
TV - Vibration band 3
Class I, Div 2
Groups A, B, C, D
Class I, Zone 2
AEx/Ex nA nC IIC T4
Tamb: -40°C to +105°C
II 3 G
Ex nA nC IIC T4 Gc
Ta = -40°C to +105°C
-HZ models only:
(all models)
Note: Model numbers ending in -HZ are hazardous area certified sensors.
The cable installed must be suitable for the installation temperature and the voltage of any intermingled circuits. • Connected cable must be of a
type suitable for Zone 2 Hazardous Locations. • The connected cable and connector must provide a minimum ingress protection level of IP54,
when assessed according to EN 60079-0 and EN 60079-15. Unused connector must be fitted with an appropriately rated blanking cover. • The
connection must be made in a manner that cannot be separated without the use of a tool. • Where the installation requires that the Accelerometer
enclosure be grounded, this is to be done using a metal mounting stud as described in document 13327-01, 13334-01, 13335-01 or 13336-01.
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
www.wilcoxon.com


Similar Part No. - PCH420V-R6

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
PCH420V-R6 WILCOXON-PCH420V-R6 Datasheet
697Kb / 14P
Amphenol (Maryland) PCH Sensor Revision 1
rev. 1 9 May 2018
More results

Similar Description - PCH420V-R6

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DS3017 TTELEC-DS3017 Datasheet
305Kb / 2P
HART DIN Rail Temperature Transmitter
logo
Pepperl+Fuchs Inc.
FB3202B1 PF-FB3202B1 Datasheet
520Kb / 3P
HART Transmitter Power Supply, Input Isolator
FB3202B2 PF-FB3202B2 Datasheet
528Kb / 4P
HART Transmitter Power Supply, Input Isolator
LB3002A2 PF-LB3002A2 Datasheet
534Kb / 3P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3006A PF-LB3006A Datasheet
569Kb / 3P
HART Transmitter Power Supply
2021-12-01
LB3102A2 PF-LB3102A2 Datasheet
565Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3105A2 PF-LB3105A2 Datasheet
643Kb / 4P
HART Transmitter Power Supply, Input Isolator
2021-12-01
LB3106A PF-LB3106A Datasheet
561Kb / 4P
HART Transmitter Power Supply
2021-12-01
logo
Amphenol Wilcoxon Sensi...
IT301 WILCOXON-IT301 Datasheet
449Kb / 4P
User-configurable intelligent vibration transmitter
Rev.A.1 10/18
logo
List of Unclassifed Man...
WEBDAQ504 ETC-WEBDAQ504 Datasheet
592Kb / 8P
Internet Enabled Vibration/Acoustic Logger
September 2019. Rev 3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com