Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3685A Datasheet(PDF) 1 Page - ams AG

Part # AS3685A
Description  Ultra Small High Efficiency 700mA Charge Pump for White LED Flash
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3685A Datasheet(HTML) 1 Page - ams AG

  AS3685A Datasheet HTML 1Page - ams AG AS3685A Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS3685A/AS3685B
austriami crosyst ems
Product Brief
www.austriamicrosystems.com (ptr)
Revision 2.0 / 20060726
1 - 2
1
General Description
The AS3685 is low noise high efficiency capacitive
charge pump with 1:1, 1:1.5 and 1:2 operating
modes in a small 3x3mm DFN10 or a tiny 2x1.5mm
WL-CSP
(Wafer
Level
Chip
Scale
Package)
package. It can drive one flash led at up to 700mA
current. It supports flash/torch and indicator mode
for the flash led.
Additionally the AS3685 limits the flash time
automatically to protect the flash LED.
2
Key Features
High Efficiency capactive charge pump with 1:1,
1:1.5 and 1:2 modes
−
1:2 Mode can be disabled
(factory programmable)
Up to 700mA Led Current
Automatic Charge Pump Mode switching (Up)
LED cathode disconnect in Shutdown
Overtemperature Protection
Automatic 800ms Flash Timeout to protect the
flash LED (time factory programmable)
Two Device Variants:
−
AS3685A: Direct control to select three
currents
−
AS3685B: Single Pin Interface or Two Pin
Interface with Strobe Input; 17 different
currents can be selected
Package
−
DFN10 3x3mm (10 pins + exposed pad)
−
WL-CSP (Wafer Level Chip Scale Package)
3x4 balls 0.5mm pitch (2x1.5mm)
3
Application
Flash / Torch for Mobile Phones, Digital
Cameras and PDA
4
Application Diagram
Figure 1 – Application Diagram of AS3685A/AS3685B
C1+ C1- C2+ C2-
CFLY1 1.0 F
CFLY2 1.0 F
VCP
ILED
AS3685A
AS3685B
ISET
VBAT
EN1
EN2
CBAT
2.2 F
CVCP
2.2 F
VBAT
VSS
DLED
RISET
RTXMASK
Product Brief
AS3685A/AS3685B
Ultra Small High Efficiency 700mA Charge Pump for White LED Flash


Similar Part No. - AS3685A

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3685A AMSCO-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
logo
TEXAS ADVANCED OPTOELEC...
AS3685A TAOS-AS3685A Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump
logo
ams AG
AS3685A-ZDFT-2Y80 AMSCO-AS3685A-ZDFT-2Y80 Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3685A-ZWLT-2N80 AMSCO-AS3685A-ZWLT-2N80 Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3685A-ZWLT-2Y80 AMSCO-AS3685A-ZWLT-2Y80 Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
More results

Similar Description - AS3685A

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3112 ANALOGICTECH-AAT3112 Datasheet
354Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
Global Mixed-mode Techn...
G5910 GMT-G5910 Datasheet
448Kb / 10P
High-Efficiency White LED Charge Pump
logo
Advanced Analog Technol...
AAT2806 AAT-AAT2806 Datasheet
582Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
2806.2006.04.1.8
logo
Advanced Analogic Techn...
AAT2806 ANALOGICTECH-AAT2806_07 Datasheet
513Kb / 16P
Dual High Efficiency Charge Pump for White LED and Flash Applications
AAT3112 ANALOGICTECH-AAT3112_07 Datasheet
520Kb / 16P
500mA High Efficiency Charge Pump for White LED Flash Applications
logo
ams AG
AS3685A AMSCO-AS3685A_11 Datasheet
1Mb / 25P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
AS3685C AMSCO-AS3685C Datasheet
2Mb / 22P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash with Two Wire Serial Interface
logo
SiGe Semiconductor, Inc...
AATIAN48 SIGE-AATIAN48 Datasheet
100Kb / 4P
Dual High Efficiency Charge Pump For White LED and Flash Applications
logo
Global Mixed-mode Techn...
G5910 GMT-G5910_15 Datasheet
74Kb / 1P
High-Efficiency White LED Charge Pump
logo
ams AG
AS3685A AMSCO-AS3685A_16 Datasheet
1,007Kb / 39P
Ultra Small High Efficiency 1000mA Charge Pump for White LED Flash
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com