Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC358DMF Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC358DMF
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC358DMF Datasheet(HTML) 1 Page - ADDtek Corp

  AMC358DMF Datasheet HTML 1Page - ADDtek Corp AMC358DMF Datasheet HTML 2Page - ADDtek Corp AMC358DMF Datasheet HTML 3Page - ADDtek Corp AMC358DMF Datasheet HTML 4Page - ADDtek Corp AMC358DMF Datasheet HTML 5Page - ADDtek Corp AMC358DMF Datasheet HTML 6Page - ADDtek Corp AMC358DMF Datasheet HTML 7Page - ADDtek Corp AMC358DMF Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.addmtek.com
Copyright
© 2006 ADDtek Corp.
1
DD017_E
--
JUNE 2006
AMC358
DUAL OPERATIONAL AMPLIFIERS
DESCRIPTION
FEATURES
The AMC358 series is designed containing two
independent, high gain operational amplifiers. It can operate
from a single power supply over a wide range from 4.5V to
30V.
Not only it can be used in all conventional operation
amplifiers circuits in single power supply systems, the
AMC358 series is also ideal for transducer amplifiers, DC
gain blocks and etc. In addition, without the need of
±15V
dual power supply voltages, the AMC358 series can be
directly operated from the 5V power supply voltage which is
also used for digital systems.
Large DC voltage gain (typical 100 dB)
Wide bandwidth (typical 1MHz)
Operated by either single supply or dual
supplies
High accuracy output voltage
Low input offset voltage (typical 2mV)
Large output voltage swing: 0V to VCC – 1.5V
Low dropout voltage
Input common-mode voltage range includes
ground
Low supply current drain
Pin assignment identical to earlier LM358
series.
APPLICATIONS
PACKAGE PIN OUT
8-Pin Plastic S.O.I.C.
(Top View)
General Purpose Amplifiers
Pulse Generator
Square Wave Oscillator
Low Drift Peak Detector
Voltage Controlled Oscillator (VCO)
Filters
8-Pin Plastic DIP
(Top View)
ORDER INFORMATION
Plastic DIP
Plastic SOIC
TA (
OC)
M
8-pin
DM
8-pin
0 to 70
AMC358MF
AMC358DMF
Note:
All surface-mount packages are available in Tape & Reel.
Append the letter “T” to part number (i.e. AMC358DMT).
The letter “F”
marked for Lead Free process.
OUTPUT B
OUTPUT A
INVERTING
INPUT A
NON-INVERTING
INPUT A
GND
INVERTING
INPUT B
NON-INVERTING
INPUT B
VCC
OUTPUT B
OUTPUT A
INVERTING
INPUT A
NON-INVERTING
INPUT A
GND
INVERTING
INPUT B
NON-INVERTING
INPUT B
VCC


Similar Part No. - AMC358DMF

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC3100 ADDTEK-AMC3100 Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
AMC3100-1.2DBFT ADDTEK-AMC3100-1.2DBFT Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
AMC3100-1.5DBFT ADDTEK-AMC3100-1.5DBFT Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
AMC3100-1.8DBFT ADDTEK-AMC3100-1.8DBFT Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
AMC3100-X.XDBF ADDTEK-AMC3100-X.XDBF Datasheet
344Kb / 10P
1.5MHz, 600mA SYNCHRONOUS STEP-DOWN CONVERTER
JUNE 2006
More results

Similar Description - AMC358DMF

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com