Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC358DMF Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC358DMF
Description  DUAL OPERATIONAL AMPLIFIERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC358DMF Datasheet(HTML) 4 Page - ADDtek Corp

  AMC358DMF Datasheet HTML 1Page - ADDtek Corp AMC358DMF Datasheet HTML 2Page - ADDtek Corp AMC358DMF Datasheet HTML 3Page - ADDtek Corp AMC358DMF Datasheet HTML 4Page - ADDtek Corp AMC358DMF Datasheet HTML 5Page - ADDtek Corp AMC358DMF Datasheet HTML 6Page - ADDtek Corp AMC358DMF Datasheet HTML 7Page - ADDtek Corp AMC358DMF Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AMC358
Copyright
© 2006 ADDtek Corp.
4
DD017_E
--
JUNE 2006
APPLICATION INFORMATION
Non-Inverting DC Gain (0V Output)
Gain = 1 + (R2/R1)
DC Summing Amplifier
(VIN’S ≥ 0 VDC and VOUT ≥ 0 VDC)
Power Amplifier
VOUT
1/2
AMC358
100k
100k
R2
1M
VIN
R1
10k
1/2
AMC358
VOUT
VIN 1
VIN 2
VIN 4
VIN 3
100k
100k
100k
100k
VIN
VOUT
RL
1/2
AMC358
R2
100k
R2
93k
VCC
R1
910k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com