Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS0305B Datasheet(PDF) 1 Page - Same Sky Devices

Part # CS0305B
Description  CURRENT SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CS0305B Datasheet(HTML) 1 Page - Same Sky Devices

  CS0305B Datasheet HTML 1Page - Same Sky Devices CS0305B Datasheet HTML 2Page - Same Sky Devices CS0305B Datasheet HTML 3Page - Same Sky Devices CS0305B Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 09/12/2024
page 1 of 4
SERIES: CSXX05B | DESCRIPTION: CURRENT SENSOR
sameskydevices.com
FEATURES
• open loop
• bipolar
• detects current direction
• single channel
MODEL
rated current (If)
linearity range1 (Im)
(
A
RMS)
(A
PEAK)
CS0305B
±3
±3
CS0505B
±5
±5
CS1005B
±10
±10
CS1505B
±15
±15
CS2005B
±20
±20
Notes:
1. Im is the maximum peak current for which the output voltage specifications are guaranteed, however the If RMS rating must not be exceeded.
2. All specifications measured at 25°C, Rl=10 kΩ, unless otherwise noted.
3. It is recommended to add a 1
μF capacitor connected between the common terminal 4 and the +5 V terminal 1 to avoid noise problems.
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
supply voltage (Vcc)
4.75
5.00
5.25
V
max current consumption (Ic)
25
mA
output voltage (Vo)
at +If
at -If
4.47
0.47
4.50
0.50
4.53
0.53
V
V
zero current offset voltage (Vr)
after demagnetization
2.47
2.50
2.53
V
output voltage linearity4 (
ΔKo)
±0.5
%
response (tr)
at di/dt = If/
μs
7
μs
output voltage temperature
characteristics
±0.1
%/°C
zero current offset voltage
characteristics
±1.5
mV/°C
hysteresis (Vh)
at +If to zero current
8
mV
primary over current
for maximum 50 ms, no damage
10*If
A
withstand voltage
between coil and each terminal for 1 minute
2,000
Vac
insulation resistance
between coil and each terminal at 500 Vdc
500
MΩ
operating temperature
-10
75
°C
storage temperature
-30
90
°C
safety approvals
UL 508
flammability rating
UL94V-0
RoHS
yes
Notes:
4. Deducting the value of hysteresis and offset voltage, calculated by (V/Vo)/(IfxI-1)x100%.
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - CS0305B

ManufacturerPart #DatasheetDescription
logo
CUI INC
CS0305B CUI-CS0305B Datasheet
340Kb / 4P
CURRENT SENSOR
CS0305B CUI-CS0305B Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
More results

Similar Description - CS0305B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
CURRENT SENSOR
logo
CUI INC
CSXX05B CUI-CSXX05B Datasheet
340Kb / 4P
CURRENT SENSOR
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Littelfuse
SE-CS40 LITTELFUSE-SE-CS40 Datasheet
164Kb / 2P
Current Sensor
2015 Rev: 1-A-111215
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com