Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS0305B Datasheet(PDF) 2 Page - Same Sky Devices

Part # CS0305B
Description  CURRENT SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CS0305B Datasheet(HTML) 2 Page - Same Sky Devices

  CS0305B Datasheet HTML 1Page - Same Sky Devices CS0305B Datasheet HTML 2Page - Same Sky Devices CS0305B Datasheet HTML 3Page - Same Sky Devices CS0305B Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SAME SKY | SERIES: CSXX05B | DESCRIPTION: CURRENT SENSOR
date 09/12/2024 | page 2 of 4
sameskydevices.com
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for maximum 3 seconds
280
°C
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
15 x 15 x 20
mm
case material
PBT
terminals
phosphor bronze with tin plating
weight
8
g
MECHANICAL DRAWING
①② ③④
⑤⑥
units: mm
tolerance: ±0.5 mm
Recommended PCB Layout
Top View
PIN CONNECTIONS
PIN
FUNCTION
1
+5 V
2
NC
3
Output (V)
4
0 V
5
+Input (A)
6
-Input (A)
MODEL NO.
ØA
(mm)
ØB
(mm)
CS0305B
0.6
1.2
CS0505B
0.9
1.5
CS1005B
1.1
1.7
CS1505B
1.4
2.0
CS2005B
1.7
2.3
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com