Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC8213 Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC8213
Description  200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC8213 Datasheet(HTML) 2 Page - ADDtek Corp

  AMC8213 Datasheet HTML 1Page - ADDtek Corp AMC8213 Datasheet HTML 2Page - ADDtek Corp AMC8213 Datasheet HTML 3Page - ADDtek Corp AMC8213 Datasheet HTML 4Page - ADDtek Corp AMC8213 Datasheet HTML 5Page - ADDtek Corp AMC8213 Datasheet HTML 6Page - ADDtek Corp AMC8213 Datasheet HTML 7Page - ADDtek Corp AMC8213 Datasheet HTML 8Page - ADDtek Corp AMC8213 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AMC8213
Copyright
© 2006 ADDtek Corp.
2
DD063_C
--
JUNE 2006
ORDER INFORMATION
Plastic DIP
Plastic SOWB
TA (
OC)
N
22-pin
DW
24-pin
0 to 70
AMC8213N
AMC8213DW
0 to 70
AMC8213NF(Lead Free)
AMC8213DWF(Lead Free)
Note:
1.All surface-mount packages are available in Tape & Reel. Append the letter “T” to part number (i.e. AMC8213DMT).
2. The letter ”F” is marked for Lead Free process.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC1, VCC2)
9.0V
Video Output Current
30mA
Voltage at Any Input Pin
VCC ≥ VIN ≥ GND
Junction Temperature (T
J)
150
OC
ESD Susceptibility
3.5KV
ESD Machine Model
300V
Storage Temperature
-65
OC to 150 OC
Lead Temperature
300
OC
Note:
Exceeding these ratings could cause damage to the device.
All voltages are with respect to Ground. Currents are positive into, negative out
of the specified terminal.
THERMAL DATA
N PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
55
OC/W
Thermal Resistance-Junction to Case,
θ
JC
30
OC/W
DW PACKAGE:
Thermal Resistance-Junction to Ambient,
θ
JA
80
OC/W
Thermal Resistance-Junction to Case,
θ
JC
37
OC/W
Junction Temperature Calculation:
T
J = T
A + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com