Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC8213 Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC8213
Description  200MHz RGB VIDEO AMPLIFIER SYSTEM WITH OSD
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC8213 Datasheet(HTML) 3 Page - ADDtek Corp

  AMC8213 Datasheet HTML 1Page - ADDtek Corp AMC8213 Datasheet HTML 2Page - ADDtek Corp AMC8213 Datasheet HTML 3Page - ADDtek Corp AMC8213 Datasheet HTML 4Page - ADDtek Corp AMC8213 Datasheet HTML 5Page - ADDtek Corp AMC8213 Datasheet HTML 6Page - ADDtek Corp AMC8213 Datasheet HTML 7Page - ADDtek Corp AMC8213 Datasheet HTML 8Page - ADDtek Corp AMC8213 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AMC8213
Copyright
© 2006 ADDtek Corp.
3
DD063_C
--
JUNE 2006
RECOMMENDED OPERATING CONDITIONS
Recommended Operating Conditions
Parameter
Pin
Min.
Typ.
Max.
Units
Power Supply Voltage (VCC1, VCC2)
3, 17
5.7
7.0
8.4
V
Video Input Signal
4, 6, 9
0.7
VP-P
Fast Blanking Signal
1
TTL
TTL
OSD Input Signal
20,21,22
0
1.8
5
V
Contrast Control Voltage
11
0
5
V
Gain Adjustment Control Voltage
13, 15, 18
0
5
V
Clamp Gate Pulse Signal Amplitude
12
TTL
TTL
Clamp Gate Pulse Signal High Voltage
12
3
5
V
Clamp Gate Pulse Signal Low Voltage
12
0
0.8
V
Clamp Gate Pulse Width
12
150
ns
Video Output DC Level Setting
2
0.6
1.0
1.1
V
ELECTRICAL CHARACTERISTICS
TA = 25
OC; V
CC
1 = V CC2 = 7.0V; Contrast = 4V; R, G, B Gain Adj. = 4V; VOUT DC Setting = 1V;
Fast Blanking = 0V; Clamp Gate = 0V; OSD Inputs = 0V, unless otherwise stated.
(See Figure 1)
AMC8213
DC Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Current
IS
V
CC
1 + V CC2
90
100
mA
Video Input Bias Voltage
V4,6,9
2.42
2.62
2.82
V
Clamp Cap Charge Current
I
CHG
+1.0
mA
Clamp Cap Discharge Current
I
DISCHG
-1.0
mA
Input Current for Contrast and R,
G, B, Gain Adj.
I11,13,15,18
-5
µA
Clamp Gate High Current
I12
H
Clamp Gate = 5V
0.1
µA
Clamp Gate Low Current
I12
L
Clamp Gate = 0V
-5
µA
High Video Output
V
OH
R, G, B Clamp Cap = VCC1
5.2
V
Low Video Output
V
OL
R, G, B Clamp Cap = 0V
0.1
V
Blanked Video Output
VBLKOIT
R, G, B Clamp Cap = VCC1,
Fast Blanking = 5V
0.1
0.5
V
Output Voltage Difference
V
O
(DIFF)
Between Any Two Channels
±2
10
mV
Spot Killer Voltage
V
SPOT
Adjust VCC to Active
5.0
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com