Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7660DM Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC7660DM
Description  DC - DC CONVERTER CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7660DM Datasheet(HTML) 4 Page - ADDtek Corp

  AMC7660DM Datasheet HTML 1Page - ADDtek Corp AMC7660DM Datasheet HTML 2Page - ADDtek Corp AMC7660DM Datasheet HTML 3Page - ADDtek Corp AMC7660DM Datasheet HTML 4Page - ADDtek Corp AMC7660DM Datasheet HTML 5Page - ADDtek Corp AMC7660DM Datasheet HTML 6Page - ADDtek Corp AMC7660DM Datasheet HTML 7Page - ADDtek Corp AMC7660DM Datasheet HTML 8Page - ADDtek Corp AMC7660DM Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AMC7660
Copyright
© 2006 ADDtek Corp.
4
DD057_C
--
JUNE 2006
CHARACTERIZATION CURVES
CT pin (PIN#3) waveform
CT pin (PIN#3) waveform
CT pin (PIN#3) waveform
CT pin (PIN#3) waveform
CT pin (PIN#3) waveform
CT pin (PIN#3) waveform
VCC = 5V, Pin 1, 5, 8 open
CT = 470pF
VCC = 5V, Pin 1, 5, 8 open
CT = 470pF
VCC = 5V, Pin 1, 5, 8 open
CT = 470pF
VCC = 25V, Pin 1, 5, 8 open
CT = 470pF
VCC = 25V, Pin 1, 5, 8 open
CT = 470pF
VCC =25V, Pin 1, 5, 8 open
CT = 470pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com