Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7660DM Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC7660DM
Description  DC - DC CONVERTER CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7660DM Datasheet(HTML) 1 Page - ADDtek Corp

  AMC7660DM Datasheet HTML 1Page - ADDtek Corp AMC7660DM Datasheet HTML 2Page - ADDtek Corp AMC7660DM Datasheet HTML 3Page - ADDtek Corp AMC7660DM Datasheet HTML 4Page - ADDtek Corp AMC7660DM Datasheet HTML 5Page - ADDtek Corp AMC7660DM Datasheet HTML 6Page - ADDtek Corp AMC7660DM Datasheet HTML 7Page - ADDtek Corp AMC7660DM Datasheet HTML 8Page - ADDtek Corp AMC7660DM Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.addmtek.com
Copyright
© 2006 ADDtek Corp.
1
DD057_C
--
JUNE 2006
AMC7660
DC - DC CONVERTER
CONTROL CIRCUIT
DESCRIPTION
FEATURES
The AMC7660 is designed for the applications which
require DC - DC converters. It can be operated in a wide
input range from 3.0V to 40V and has the controlled duty
cycle oscillator, driver and high current output switch.
Also, With the internal temperature compensation circuit,
the AMC7660 provides an internally trimmed precision
1.5% reference voltage of 1.25V. These features make the
AMC7660
suitable
for
step-up,
step-down
and
voltage–inverting applications.
Internally trimmed 1.5% 1.25V Reference
Voltage
Wide Input Operating Range: 3.0V to 40V
Output Switch Current up to 1.5A
Low Standby Current
100KHz operational Frequency
Adjustable Output Voltage
Available in 8 Pin Plastic DIP and 8 Pin S.O
Packages
APPLICATIONS
PACKAGE PIN OUT
Automobile Chargers
Adaptors
Mother Board
External Modem
ISDN Modem
Scanner
Cellular Phones/Radios
Laptop/Notebook
E1
CT
GND
OC1
1
2
3
4
VCC
IS
8
7
6
5
OC2
M
PACKAGE
(TOP VIEW)
VIN-
E1
CT
GND
OC1
1
2
3
4
VCC
IS
8
7
6
5
OC2
DM
PACKAGE
(TOP VIEW)
VIN-
ORDER INFORMATION
Plastic DIP
Plastic SO-8
TA (
OC)
M
8-pin
DM
8-pin
0 to 70
AMC7660M
AMC7660DM
0 to 70
AMC7660MF(Lead Free)
AMC7660DMF(Lead Free)
Note:
1.All surface-mount packages are available in Tape & Reel.
Append the letter “T” to part number (i.e. AMC7660DMT).
2.The letter ”F” is marked for Lead Free process.


Similar Part No. - AMC7660DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7628 ETC1-AMC7628 Datasheet
254Kb / 10P
300mA Low DropOut Regulator
AMC7628-3.3 ETC1-AMC7628-3.3 Datasheet
254Kb / 10P
300mA Low DropOut Regulator
AMC7628-5.0 ETC1-AMC7628-5.0 Datasheet
254Kb / 10P
300mA Low DropOut Regulator
AMC7628-X.XLP ETC1-AMC7628-X.XLP Datasheet
254Kb / 10P
300mA Low DropOut Regulator
AMC7628-X.XSK ETC1-AMC7628-X.XSK Datasheet
254Kb / 10P
300mA Low DropOut Regulator
More results

Similar Description - AMC7660DM

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP35063 SEME-LAB-IP35063 Datasheet
57Kb / 5P
DC-DC CONVERTER CONTROL CIRCUIT
logo
Advanced Monolithic Sys...
AMS34063 ADMOS-AMS34063 Datasheet
69Kb / 7P
DC-TO-DC CONVERTER CONTROL CIRCUIT
AMS36063 ADMOS-AMS36063 Datasheet
37Kb / 4P
DC-TO-DC CONVERTER CONTROL CIRCUIT
logo
Analog Intergrations Co...
MC34063A AIC-MC34063A Datasheet
126Kb / 9P
DC/DC CONVERTER CONTROL CIRCUIT
logo
Cystech Electonics Corp...
PL34063AP8 CYSTEKEC-PL34063AP8 Datasheet
200Kb / 7P
DC-to-DC Converter Control Circuit
PL34063AQ8 CYSTEKEC-PL34063AQ8 Datasheet
196Kb / 7P
DC-to-DC Converter Control Circuit
logo
Minilogic Device Corpor...
ML34063 MINILOGIC-ML34063 Datasheet
104Kb / 5P
DC-to-DC Converter Control Circuit
logo
Seaward Electronics Inc...
SE34063 SEAWARD-SE34063 Datasheet
113Kb / 5P
DC-to-DC Converter Control Circuit
logo
Cystech Electonics Corp...
MC34063AQ8 CYSTEKEC-MC34063AQ8 Datasheet
220Kb / 7P
DC-to-DC Converter Control Circuit
LM34063AQ8 CYSTEKEC-LM34063AQ8 Datasheet
301Kb / 9P
DC-to-DC Converter Control Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com