Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7660DMF Datasheet(PDF) 7 Page - ADDtek Corp

Part # AMC7660DMF
Description  DC - DC CONVERTER CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7660DMF Datasheet(HTML) 7 Page - ADDtek Corp

Back Button AMC7660DMF Datasheet HTML 3Page - ADDtek Corp AMC7660DMF Datasheet HTML 4Page - ADDtek Corp AMC7660DMF Datasheet HTML 5Page - ADDtek Corp AMC7660DMF Datasheet HTML 6Page - ADDtek Corp AMC7660DMF Datasheet HTML 7Page - ADDtek Corp AMC7660DMF Datasheet HTML 8Page - ADDtek Corp AMC7660DMF Datasheet HTML 9Page - ADDtek Corp AMC7660DMF Datasheet HTML 10Page - ADDtek Corp AMC7660DMF Datasheet HTML 11Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AMC7660
Copyright
© 2006 ADDtek Corp.
7
DD057_C
--
JUNE 2006
Figure 1 – Step-Up Converter Application Circuits
170uH
V
IN
12V
330uF
D1
100uF
47K
2.2K
180
0.22
C
T
Oscillator
I sense
OC1
OC2
100
2
5
1.25V
8
Q1
Q2
1
3
6
4
7
R
Q
S
28V/175mA
V
OUT
1.5nF
Figure 2 – Step-Down Converter Application Circuit
S
Q
R
7
4
6
3
1
Q2
Q1
8
1.25V
5
2
100
OC2
OC1
I sense
Oscillator
C
T
100uF
0.33
25V
470pF
3.6K
1.2K
470uF
V
IN
220uH
D1
5V/500mA
V
OUT
Rsc
R1
R2
Co
Rsc
R1
R2
Co



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com