Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7660DMF Datasheet(PDF) 3 Page - ADDtek Corp

Part # AMC7660DMF
Description  DC - DC CONVERTER CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7660DMF Datasheet(HTML) 3 Page - ADDtek Corp

  AMC7660DMF Datasheet HTML 1Page - ADDtek Corp AMC7660DMF Datasheet HTML 2Page - ADDtek Corp AMC7660DMF Datasheet HTML 3Page - ADDtek Corp AMC7660DMF Datasheet HTML 4Page - ADDtek Corp AMC7660DMF Datasheet HTML 5Page - ADDtek Corp AMC7660DMF Datasheet HTML 6Page - ADDtek Corp AMC7660DMF Datasheet HTML 7Page - ADDtek Corp AMC7660DMF Datasheet HTML 8Page - ADDtek Corp AMC7660DMF Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AMC7660
Copyright
© 2006 ADDtek Corp.
3
DD057_C
--
JUNE 2006
RECOMMENDED OPERATING CONDITIONS
Recommended Operating
Parameter
Symbol
Min.
Typ.
Max.
Units
Comparator Input Voltage
VIR
-0.3 to + 40
V
Switch Collector Voltage
VOC1
40
V
Switch Emitter Voltage (VPin1=40V)
VE1
40
V
Switch Collector to Emitter Voltage
VCE1
40
V
Driver Collector Voltage
VC2
40
V
Driver Collector Current (Note 1)
IC2
100
mA
Switch Current
ISWITCH
1.5
A
Oscillator Timing Capacitor (connected to CT pin)
CT
1.0
nF
Operating Ambient Temperature Range
TA
0 to +70
°C
Note 1: Maximum package power dissipation limits must be observed.
ELECTRICAL CHARACTERISTICS
VCC=5.0 V, TA=0
OC to 70 OC, unless otherwise specified.
AMC7660
Parameter
Symbol
Test Conditions
Min. Typ. Max.
Units
OSCILLATOR
Frequency
Fosc
VIN- = 0 V, CT = 1.0 nF, TA = 25
OC
24
33
42
KHz
Charge Current
Ichg
VCC = 5.0 V to 40 V, TA = 25
OC
24
35
42
µA
Discharge Current
Idischg
VCC = 5.0 V to 40 V, TA = 25
OC
140
220
260
µA
Discharge to Charge Current Ratio
Idischg/Ichg IS to VCC, TA = 25
OC
5.2
6.5
7.5
-
Current Limit Sense Voltage
VIS
Ichg = Idischg, TA = 25
OC
250
300
350
mV
OUTPUT SWITCH
Saturation Voltage, Darlington Connection
VCE1(sat)
ISW = 1.0 A, OC1, OC2 connected
-
0.9
1.3
V
Saturation Voltage
VCE1(sat)
ISW = 1.0 A, 82 Ω connected from
OC2 to VCC, Forced β = 20
-
0.4
0.7
V
DC Current Gain
hFE
ISW = 1.0 A, VCE = 5.0 V, TA = 25
OC
50
75
-
-
Collector Off-State Current
IC(off)
VCE = 40 V
-
0.01
100
µA
COMPARATOR
TA = 25
OC
1.23
1.25
1.27
Threshold Voltage
Vth
TA =0
OC to 70 OC
1.22
-
1.28
V
Threshold Voltage Line Regulation
Vth(line)
VCC = 3.0 V to 40 V
-
1.4
5.6
mV
Input Bias Current
IIB
VIN- = 0 V
-
-20
-400
nA
TOTAL DEVICE
Supply current
ICC
VCC = 5.0 V to 40 V,
CT = 1.0nF, Pin 7 = VCC,
VIN- > Vth, Pin 2= Gnd, remaining
pins open
-
3.0
3.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com