Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7585-ADJSJ Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC7585-ADJSJ
Description  5A LOW DROPOUT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7585-ADJSJ Datasheet(HTML) 1 Page - ADDtek Corp

  AMC7585-ADJSJ Datasheet HTML 1Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 2Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 3Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 4Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 5Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 6Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 7Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 8Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.addmtek.com
Copyright
© 2007 ADDtek Corp.
1
DD041_G
--
OCTOBER 2007
AMC7585
5A LOW DROPOUT REGULATOR
DESCRIPTION
FEATURES
The AMC7585 is a high performance low dropout
regulator
rated
for
5A
output
current
with
fixed
2.5V/3.3V/5.0V and adjustable output. It is designed for use
in applications requiring low dropout characteristics over the
rated current range.
On chip trimming adjusts the reference voltage to 1%.
These features are ideal for low voltage microprocessor
applications requiring a regulated 2.5V to 3.6V power
supply.
In addition, the AMC7585 provides the device
protections including over current and thermal shutdown.
Also, reverse battery protection scheme limits the reverse
current when the input voltage falls below the output.
Output current is excess of 5A
Fast transient response
Reverse battery protection
Short circuit protection
Internal thermal overload protection
Available in 3L plastic TO-220 and surface
mount 3L TO-263/252 packages
Pin assignment identical to EZ1585B and
LT1585A series.
APPLICATIONS
PACKAGE PIN OUT
3.VIN
2.VOUT
1.ADJ/GND
3.VIN
2.VOUT
1.ADJ/GND
Pentium
® Processor Supplies
PowerPCTM Supplies
Computer Add-On Cards
Other Applications Requiring Low
Dropout Voltage Over Rated Current
3-Pin Plastic TO-220
(Top View)
3-Pin Plastic TO-252
Surface Mount
(Top View)
VOLTAGE OPTIONS
3.VIN
2.VOUT
1.ADJ/GND
3.VIN
2.VOUT
1.ADJ/GND
AMC7585-2.5 – 2.5V Fixed
AMC7585-3.3 – 3.3V Fixed
AMC7585-5.0 – 5.0V Fixed
AMC7585-ADJ – Adjustable
3-Pin Plastic TO-263 (ST)
Surface Mount
(Top View)
3-Pin Plastic TO-263-3 (ST3)
Surface Mount
(Top View)
ORDER INFORMATION
TO-220
TO-263
TO-263-3
TO-252
TA (
OC)
T
3-pin
ST
3-pin
ST3
3-pin
SJ
3-pin
0 to 70
AMC7585-X.XT
AMC7585-X.XST
-
AMC7585-X.XSJ
0 to 70
AMC7585-X.XTF(Lead Free) AMC7585-X.XSTF(Lead Free)
-
AMC7585-X.XSJF(Lead Free)
0 to 70
AMC7585-ADJT
AMC7585-ADJST
AMC7585-ADJST3
AMC7585-ADJSJ
0 to 70
AMC7585-ADJTF(Lead Free)
AMC7585-ADJSTF(Lead Free)
AMC7585-ADJST3F(Lead Free) AMC7585-ADJSJF(Lead Free)
Note:
1. All surface-mount packages are available in Tape & Reel. Append the letter “T” to part number (i.e., AMC7585-X.XSTT,
AMC7585-X.XST3T, AMC7585-X.XSJT ).
2. The letter ”F” is marked for Lead Free process.


Similar Part No. - AMC7585-ADJSJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7585-ADJSJ ETC1-AMC7585-ADJSJ Datasheet
577Kb / 10P
5A LOW DROPOUT REGULATOR
AMC7585-ADJSJF ETC1-AMC7585-ADJSJF Datasheet
577Kb / 10P
5A LOW DROPOUT REGULATOR
More results

Similar Description - AMC7585-ADJSJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC7581 ETC-AMC7581 Datasheet
297Kb / 12P
5A LOW DROPOUT REGULATOR
AMC7585 ETC1-AMC7585 Datasheet
577Kb / 10P
5A LOW DROPOUT REGULATOR
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
IK Semicon Co., Ltd
IL1084-XX IKSEMICON-IL1084-XX Datasheet
459Kb / 15P
5A LOW DROPOUT POSITIVE REGULATOR
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
5A Low Dropout Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
5A Low-Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
5A Low Dropout Linear Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com