Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7585-ADJSJ Datasheet(PDF) 2 Page - ADDtek Corp

Part # AMC7585-ADJSJ
Description  5A LOW DROPOUT REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7585-ADJSJ Datasheet(HTML) 2 Page - ADDtek Corp

  AMC7585-ADJSJ Datasheet HTML 1Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 2Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 3Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 4Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 5Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 6Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 7Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 8Page - ADDtek Corp AMC7585-ADJSJ Datasheet HTML 9Page - ADDtek Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AMC7585
Copyright
© 2007 ADDtek Corp.
2
DD041_G
--
OCTOBER 2007
TYPICAL APPLICATION
AMC7585-X.X
VOUT
2.5V/3.3V/5V
C2
22
µF
C1
10
µF
VIN ≥ 4V
AMC7585-X.X
Application Schematic
VOUT = VREF (1+(R2/R1)) + IADJR2
* REQUIRED IF REGULATOR IS LOCATED
FAR FROM POWER SUPPLY FILTER
** DESIGN C2 AS CLOSE TO VOUT PIN AS
POSSIBLE
AMC7585
- ADJ
VOUT
** C2
22
µF
*C1
10
µF
VIN
R1
1%
R2
1%
ADJ
AMC7585-ADJ
Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com