Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC420AR-05-R6 Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCC420AR-05-R6
Description  RMS and peak acceleration loop powered sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCC420AR-05-R6 Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  PCC420AR-05-R6 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCC420AR-05-R6 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice. This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
An Amphenol Company
buy.wilcoxon.com
www.wilcoxon.com
99349 Rev.A.1 05/21
Page
1 of 2
PCC420A series
RMS and peak acceleration
loop powered sensors
Key features
• True RMS or calculated
peak output
• Connector options: 2-pin
MIL-C-5015 or 4-pin M12
• Easily integrated into
existing process control
systems
• Compact housing for
applications with height
restrictions
• Manufactured in an
approved ISO 9001 facility
Certifications
Wilcoxon’s PCC420A series sensors provide a 4-20 mA output proportional to
vibration, allowing for continuous trending of overall machine vibration. This trend
data alerts users to changing machine conditions and helps guide maintenance
in prioritizing the need for service. The choice of RMS or peak output allows you
to choose the sensor that best fits your requirements.
x (4-20 mA output type)
yy (4-20 mA full scale)
C (output connector)
R = RMS output, acceleration
P = calculated peak output,
acceleration
05 = 5 g (49 m/sec2)
10 = 10 g (98 m/sec2)
20 = 20 g (196 m/sec2)
50 = 50 g (490 m/sec2)
R6 = 2 pin, MIL-C-5015
M12 = 4 pin, M12
Table 1: PCC420Ax-yy-C model selection guide


Similar Part No. - PCC420AR-05-R6

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
PCC420V WILCOXON-PCC420V Datasheet
399Kb / 2P
RMS and peak velocity loop powered sensors
Rev.A.2 06/21
PCC420VP-05-M12 WILCOXON-PCC420VP-05-M12 Datasheet
399Kb / 2P
RMS and peak velocity loop powered sensors
Rev.A.2 06/21
PCC420VP-05-R6 WILCOXON-PCC420VP-05-R6 Datasheet
399Kb / 2P
RMS and peak velocity loop powered sensors
Rev.A.2 06/21
PCC420VP-10-M12 WILCOXON-PCC420VP-10-M12 Datasheet
399Kb / 2P
RMS and peak velocity loop powered sensors
Rev.A.2 06/21
PCC420VP-10-R6 WILCOXON-PCC420VP-10-R6 Datasheet
399Kb / 2P
RMS and peak velocity loop powered sensors
Rev.A.2 06/21
More results

Similar Description - PCC420AR-05-R6

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
009-5762-021 MAGNETROL-009-5762-021 Datasheet
184Kb / 4P
Digital Meters Loop and Line Powered
logo
Analog Devices
AD7713ANZ AD-AD7713ANZ Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Analog Devices
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
Loop-Powered Signal Conditioning ADC
23-Feb-2017
logo
Cynergy3 Co
SC20ALMDC CYNERGY3-SC20ALMDC Datasheet
64Kb / 1P
Loop Powered Trip Amplifier
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
TT Electronics.
DS3102 TTELEC-DS3102 Datasheet
688Kb / 4P
Loop Powered Indicator
logo
M-System Co.,Ltd.
LDSN MSYSTEM-LDSN Datasheet
114Kb / 3P
INPUT LOOP POWERED ISOLATOR
logo
Schneider Electric
876CR SCHNEIDER-876CR Datasheet
126Kb / 1P
Loop-powered transmitter with 4-20 mA and HART digital outputs for contacting conductivity sensors
Apr 26, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com