Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCC421AP-10-R6 Datasheet(PDF) 1 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCC421AP-10-R6
Description  Loop powered sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCC421AP-10-R6 Datasheet(HTML) 1 Page - Amphenol Wilcoxon Sensing Technologies.

  PCC421AP-10-R6 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCC421AP-10-R6 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
1
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
buy.wilcoxon.com
www.wilcoxon.com
99029 Rev.B.3 11/19
PCC421 series
Loop powered sensors
Key features
• Choice of true RMS or
calculated peak output (in
acceleration or velocity
units)
• Connector options: 2 pin
MIL-C-5015 or 4 pin M12
• Integral cable option
available (PCC423
models)
• Enables continuous
trending of machine
vibration
• Manufactured in an
approved ISO 9001 facility
Certifications
xx (4-20 mA output type)
yy (4-20 mA full scale)
C (output connector)
AR = acceleration, RMS
AP = acceleration, peak
05 = 5 g (49 m/sec2)
10 = 10 g (98 m/sec2)
20 = 20 g (196 m/sec2)
R6 = 2 pin, MIL-C-5015
M12-4 = 4 pin, M12
VR = velocity, RMS
VP = velocity, peak
05 = 0.5 ips (12.8 mm/sec)
10 = 1.0 ips (25.4 mm/sec)
20 = 2.0 ips (50.8 mm/sec)
50 = 5.0 ips (127 mm/sec)
Table 1: PCC421xx-yy-C model selection guide
PCC421xx-yy-C wiring
PCC421xx-yy-C
Signal measuring circuitry
Loop positive (+)
Loop negative (–)
4-20 mA input card
DC power supply
12 VDC to 30 VDC
R
L


Similar Part No. - PCC421AP-10-R6

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
PCC420A WILCOXON-PCC420A Datasheet
408Kb / 2P
RMS and peak acceleration loop powered sensors
Rev.A.1 05/21
PCC420AP-05-M12 WILCOXON-PCC420AP-05-M12 Datasheet
408Kb / 2P
RMS and peak acceleration loop powered sensors
Rev.A.1 05/21
PCC420AP-05-R6 WILCOXON-PCC420AP-05-R6 Datasheet
408Kb / 2P
RMS and peak acceleration loop powered sensors
Rev.A.1 05/21
PCC420AP-10-M12 WILCOXON-PCC420AP-10-M12 Datasheet
408Kb / 2P
RMS and peak acceleration loop powered sensors
Rev.A.1 05/21
PCC420AP-10-R6 WILCOXON-PCC420AP-10-R6 Datasheet
408Kb / 2P
RMS and peak acceleration loop powered sensors
Rev.A.1 05/21
More results

Similar Description - PCC421AP-10-R6

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
009-5762-021 MAGNETROL-009-5762-021 Datasheet
184Kb / 4P
Digital Meters Loop and Line Powered
logo
Analog Devices
AD7713ARZ AD-AD7713ARZ Datasheet
271Kb / 28P
LC2MOS Loop-Powered Signal Conditioning ADC
REV. D
AD7713ANZ AD-AD7713ANZ Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
logo
MORNSUN Science& Techno...
T1100L-F MORNSUN-T1100L-F Datasheet
265Kb / 2P
PASSIVE LOOP-POWERED ISOLATION TRANSMITTER
logo
Analog Devices
AD7713 AD-AD7713_15 Datasheet
271Kb / 28P
Loop-Powered Signal Conditioning ADC
REV. D
AD7713 AD-AD7713_17 Datasheet
330Kb / 29P
Loop-Powered Signal Conditioning ADC
23-Feb-2017
logo
Cynergy3 Co
SC20ALMDC CYNERGY3-SC20ALMDC Datasheet
64Kb / 1P
Loop Powered Trip Amplifier
SC420I CYNERGY3-SC420I Datasheet
58Kb / 1P
Loop Powered Isolator
logo
TT Electronics.
DS3102 TTELEC-DS3102 Datasheet
688Kb / 4P
Loop Powered Indicator
logo
M-System Co.,Ltd.
LDSN MSYSTEM-LDSN Datasheet
114Kb / 3P
INPUT LOOP POWERED ISOLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com