Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8312 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8312 Datasheet HTML 9Page - Analog Devices AD8312 Datasheet HTML 10Page - Analog Devices AD8312 Datasheet HTML 11Page - Analog Devices AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices AD8312 Datasheet HTML 14Page - Analog Devices AD8312 Datasheet HTML 15Page - Analog Devices AD8312 Datasheet HTML 16Page - Analog Devices AD8312 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD8312
Rev. B | Page 13 of 20
APPLICATIONS INFORMATION
BASIC CONNECTIONS
Figure 22 shows the basic connections for measurement mode.
A supply voltage of 2.7 V to 5.5 V is required. The supply to the
VPOS pin should be decoupled with a low inductance 0.1 μF
surface-mount ceramic capacitor. A series resistor of about 10 Ω
may be added; this resistor slightly reduces the supply voltage to the
AD8312 (maximum current into the VPOS pin is approximately
5.7 mA). Its use should be avoided in applications where the power
supply voltage is very low (that is, 2.7 V). A series inductor
provides similar power supply filtering with minimal drop in
supply voltage.
AD8312
CF
OPTIONAL
(SEE TEXT)
OPTIONAL
(SEE TEXT)
VOUT
RFIN
1
COMM
2
CFLT
3
VPOS
6
VOUT
5
VSET
4
VS
INPUT
0.1
F
52.3
Figure 22. Basic Connections for Operation in Measurement Mode
The AD8312 has an internal input coupling capacitor. This
eliminates the need for external ac coupling. In this example, a
broadband input match is achieved by connecting a 52.3 Ω resistor
between RFIN and ground. This resistance combines with the
internal input impedance of approximately 3 kΩ to give an overall
broadband input resistance of 50 Ω. Several other coupling
methods are possible; these are described in the Input Coupling
Options section.
The measurement mode is selected by connecting VSET to VOUT,
which establishes a feedback path and sets the logarithmic slope to
its nominal value. The peak voltage range of the measurement
extends from −49 dBm to 0 dBm at 0.9 GHz and is only slightly
less at higher frequencies up to 2.5 GHz. At a slope of 21.0 mV/dB,
this would amount to an output span of 1.029 V. Figure 23 shows
the transfer function for VOUT at a supply voltage of 2.7 V and
an input frequency of 900 MHz.
The load resistance on VOUT should not be lower than 4 kΩ so
that the full-scale output can be generated with the limited available
current of 1 mA maximum. Figure 23 shows the logarithmic
conformance under the same conditions.
1.2
1.0
0.8
0.6
0.4
0.2
0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
3
2
1
0
–1
–2
–3
INTERCEPT
3dB DYNAMIC RANGE
1dB DYNAMIC RANGE
VS= 2.7V
RT = 52.3
Figure 23. VOUT and Logarithmic Conformance Error vs.
Input Level vs. Input Level at 900 MHz
TRANSFER FUNCTION IN TERMS OF SLOPE AND
INTERCEPT
The transfer function of the AD8312 is characterized in terms
of its slope and intercept. The logarithmic slope is defined as the
change in the RSSI output voltage for a 1 dB change at the input.
For the AD8312, the slope is nominally 20 mV/dB. Therefore, a
10 dB change at the input results in a change at the output of
approximately 200 mV. Figure 23 shows the range over which
the device maintains its constant slope. The dynamic range can
be defined as the range over which the error remains within a
certain band, usually ±1 dB or ±3 dB. In Figure 23, for example,
the ±1 dB dynamic range is approximately 51 dB (from −49 dBm
to +2 dBm).
The intercept is the point at which the extrapolated linear response
would intersect the horizontal axis (see Figure 23). Using the slope
and intercept, the output voltage can be calculated for any input
level within the specified input range by
)
(
O
IN
SLOPE
P
P
V
VOUT
where:
VOUT is the demodulated and filtered RSSI output.
VSLOPE is the logarithmic slope, expressed in V/dB.
PIN is the input signal, expressed in decibels relative to some
reference level (dBm in this case).
PO is the logarithmic intercept, expressed in decibels relative to
the same reference level.
For example, at an input level of −27 dBm, the output voltage is
V
46
.
0
)]
dBm
50
(
dBm
27
[
dB
/
V
020
.
0
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com