Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8312 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8312
Description  50 MHz to 3.5 GHz, 45 dB RF Detector
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8312 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8312 Datasheet HTML 12Page - Analog Devices AD8312 Datasheet HTML 13Page - Analog Devices AD8312 Datasheet HTML 14Page - Analog Devices AD8312 Datasheet HTML 15Page - Analog Devices AD8312 Datasheet HTML 16Page - Analog Devices AD8312 Datasheet HTML 17Page - Analog Devices AD8312 Datasheet HTML 18Page - Analog Devices AD8312 Datasheet HTML 19Page - Analog Devices AD8312 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD8312
Data Sheet
Rev. B | Page 16 of 20
5
–5
–4
–3
–2
–1
0
1
2
3
4
–60
–50
–40
–30
–20
–10
0
10
64 QAM
INPUT (dBm)
CW
IS-95 REV
WCDMA 64-CH
Figure 29. Shift in Transfer Function due to
Several Different Signal Waveforms
Temperature Drift
Figure 30 shows the logarithmic slope and error over temperature
for a 0.9 GHz input signal. Error due to drift over temperature
consistently remains within ±0.5 dB and only begins to exceed this
limit when the ambient temperature goes above 70°C. For all
frequencies using a reduced temperature range, higher meas-
urement accuracy is achievable.
1.3
1.0
0.8
0.5
0.3
0
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–60
–50
–40
–30
–20
–10
0
10
PIN (dBm)
+85°C
+70°C
+25°C
0°C
–10°C
–20°C
–40°C
Figure 30. Typical Drift at 900 MHz for Various Temperatures
Operation Above 2.5 GHz
The AD8312 works at high frequencies, but exhibits slightly
higher output voltage temperature drift. Figure 31 and Figure 32
show the transfer functions and error distributions of a large
population of devices at 3.0 GHz and 3.5 GHz over temperature.
Due to the repeatability of the drift from device to device, comp-
ensation can be applied to reduce the effects of temperature drift.
In the case of the 3.5 GHz distribution, an intercept correction
of 2.0 dB at 85°C would improve the accuracy of the distribution
to ±2 dB over a +40 dB range.
1.0
0.8
0.6
0.4
0.2
0.9
0.7
0.5
0.3
0.1
0
5
–5
–4
–3
–2
–1
0
1
2
3
4
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
+85°C
+25°C
–40°C
Figure 31.Output Voltage and Error at −40°C, +25°C, and +85°C after
Ambient Normalization vs. Input Amplitude at 3.0 GHz for 60 Devices
1.0
0.8
0.6
0.4
0.2
0.9
0.7
0.5
0.3
0.1
0
5
–5
–4
–3
–2
–1
0
1
2
3
4
–55
–45
–35
–25
–15
–5
5
PIN (dBm)
+85°C
+25°C
–40°C
Figure 32. Output Voltage and Error at −40°C, +25°C, and +85°C after
Ambient Normalization vs. Input Amplitude at 3.5 GHz for 30 Devices
Device Handling
The wafer level chip scale package consists of solder bumps
connected to the active side of the die. The device is lead free with
95.5% tin, 4.0% silver, and 0.5% copper solder bump composition.
The WLCSP package can mount on printed circuit boards using
standard surface-mount assembly techniques. However, take
caution to avoid damaging the die. See the AN-617 application
note, Wafer Level Chip Scale Package, for additional information.
WLCSP devices are bumped die; exposed die can be sensitive to
light conditions, which can influence specified limits.
Evaluation Board
Figure 33 shows the schematic of the AD8312 evaluation board.
The layout and silkscreen of the component and circuit sides are
shown in Figure 34 to Figure 37. The board is powered by a
single supply in the 2.7 V to 5.5 V range. The power supply is
decoupled by a single 0.1 µF capacitor. Table 6 details the
various configuration options of the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com