Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506WACBZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5506WACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506WACBZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL5506WACBZ-R7 Datasheet HTML 1Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 2Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 3Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 4Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 5Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 6Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 7Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 8Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Data Sheet
ADL5506
SPECIFICATIONS
analog.com
Rev. C | 3 of 22
VPOS = 3.0 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SIGNAL INPUT INTERFACE
Pin RFIN
Frequency Range
30 to 4500
MHz
Input Voltage Range
Internally ac-coupled
1.25 to 400
mV rms
Equivalent Power Range
52.3 Ω external termination
−45 to +5
dBm
Input Resistance1
f = 0.1 GHz, 52.3 Ω shunt resistor at RFIN
50
Ω
OUTPUT INTERFACE
Pin VLOG
Output Offset Voltage
No signal at RFIN, RL ≥ 10 kΩ
0.14
V
Maximum Output Voltage
Transient during enable sequencing
2.25
V
Available Output Current
Sourcing/sinking
4/1
mA
Rise Time
PIN = off to −5 dBm, 10% to 90%
65
ns
Fall Time
PIN = −5 dBm to off, 90% to 10%
145
ns
Residual RF (at Twice the Input Frequency)
f = 0.1 GHz
50
µV
Output Noise
RF input = 1900 MHz, −10 dBm, fNOISE = 100 kHz, CFLT = open
175
nV/√Hz
ENABLE INTERFACE
Pin ENBL
Logic Level to Enable Power
High condition, −40°C ≤ TA ≤ +85°C
1.2
VPOS
V
Input Current When High
2.7 V at ENBL, −40°C ≤ TA ≤ +85°C
<1
µA
Logic Level to Disable Power
Low condition, −40°C ≤ TA ≤ +85°C
0
0.5
V
POWER INTERFACE
Pin VPOS
Supply Voltage
2.5
3.0
5.5
V
Quiescent Current
3.8
mA
vs. Temperature
−40°C ≤ TA ≤ +85°C
4.6
mA
vs. Supply
2.5 V ≤ VPOS ≤ 5.5 V
3.9
mA
Disable Current
−40°C ≤ TA ≤ +85°C, enable voltage = 0 V
<1
µA
30 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C
42
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −35 dBm, −25 dBm, and −5 dBm
5
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −35 dBm, −25 dBm, and −5 dBm
−37
dBm
Deviation vs. Temperature
Deviation from output at 25°C, 3 V
−40°C < TA < +85°C; PIN = −30 dBm
+0.9/−0.62
dB
−40°C < TA < +85°C; PIN = −5 dBm
+0.8/−0.92
dB
Logarithmic Slope
Calibration at −30 dBm and −5 dBm
18.8
mV/dB
Logarithmic Intercept
Calibration at −30 dBm and −5 dBm
−45.5
dBm
Output Voltage—High Power Input
PIN = −5 dBm
762
mV
Output Voltage—Low Power Input
PIN = −30 dBm
293
mV
50 MHz
±1.0 dB Dynamic Range
Continuous wave (CW) input, TA = 25°C
45
dB
Maximum Input Level, ±1.0 dB
Three-point calibration at −35 dBm, −25 dBm, and −5 dBm
4
dBm
Minimum Input Level, ±1.0 dB
Three-point calibration at −35 dBm, −25 dBm, and −5 dBm
−41
dBm
Deviation vs. Temperature
Deviation from output at 25°C, 3 V
−40°C < TA < +85°C; PIN = −30 dBm
+0.5/−0.72
dB
−40°C < TA < +85°C; PIN = −5 dBm
+0.9/−0.952
dB
Logarithmic Slope
Calibration at −30 dBm and −5 dBm
17.8
mV/dB
Logarithmic Intercept
Calibration at −30 dBm and −5 dBm
−51.5
dBm
Output Voltage—High Power Input
PIN = −5 dBm
821
mV
Output Voltage—Low Power Input
PIN = −30 dBm
380
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com