Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5506WACBZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5506WACBZ-R7
Description  30 MHz to 4.5 GHz, 45 dB RF Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5506WACBZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5506WACBZ-R7 Datasheet HTML 9Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 10Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 11Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 12Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 13Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 14Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 15Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 16Page - Analog Devices ADL5506WACBZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
ADL5506
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. C | 13 of 22
Figure 33. Distribution of VLOG at 900 MHz, 25°C, PIN = −30 dBm
Figure 34. Distribution of Intercept at 900 MHz, 25°C
Figure 35. Error from CW Linear Reference vs. Signal Modulation (Four-
Carrier W-CDMA, LTE TM1 One-Carrier 20 MHz, One-Carrier W-CDMA, 16
QAM, 64 QAM, QPSK), Frequency = 100 MHz
Figure 36. Distribution of VLOG at 900 MHz, 25°C, PIN = −6 dBm
Figure 37. Distribution of Slope at 900 MHz, 25°C
Figure 38. Error from CW Linear Reference vs. Signal Modulation (Four-
Carrier W-CDMA, LTE TM1 One-Carrier 20 MHz, One-Carrier W-CDMA, 16
QAM, 64 QAM, QPSK), Frequency = 2.14 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com