Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5513ACPZ-R7
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5513ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADL5513
SPECIFICATIONS
analog.com
Rev. B | 6 of 25
Table 1. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
−40°C < TA < +25°C; PIN = −50 dBm
+0.41/−0.62
dB
25°C < TA < 125°C; PIN = −50 dBm
+0.8/−0.18
dB
Logarithmic Slope
22.5
mV/dB
Logarithmic Intercept
−87
dBm
Input Impedance
0.5/0.4
kΩ/pF
SETPOINT INPUT
Pin VSET
Nominal Range
Log conformance error ≤ ±1 dB, RF input = 8 dBm
2
V
Log conformance error ≤ ±1 dB, RF input = −62 dBm
0.58
V
Logarithmic Scale Factor
47.1
dB/ V
Input Impedance
40
kΩ
OUTPUT INTERFACE
Pin VOUT
Voltage Swing
VSET = 0 V, RF input = open
0.47
V
VSET = 0.47 V, RF input = open
4.7
V
Capacitance Drive
CLPF = open
47
pF
Capacitance Drive
CLPF = 20 pF
1
nF
Current Source/Sink
Output held at 1 V to 1% change
55/0.64
mA
Output Noise
RF input = 100 MHz, 0 dBm
fNOISE = 100 kHz, CLPF = open
145
nV/√Hz
fNOISE = 100 kHz, CLPF = 1 nF
82
nV/√Hz
PULSE RESPONSE TIME
Input level = no signal to 0 dBm, 90% to 10%
Fall Time
CLPF = open, 1 µs pulse width
21
ns
CLPF = open, 500 µs pulse width
20
ns
Rise Time
CLPF = open, 1 µs pulse width
20
ns
CLPF = open, 500 µs pulse width
20
ns
Fall Time
CLPF = 1000 pF, 10 µs pulse width
4.2
µs
CLPF = 1000 pF, 500 µs pulse width
5.5
µs
Rise Time
CLPF = 1000 pF, 10 µs pulse width
3.2
µs
CLPF = 1000 pF, 500 µs pulse width
4.3
µs
Small Signal Video Bandwidth (or Envelope Bandwidth)
CLPF = open, 3 dB video bandwidth
10
MHz
TEMPERATURE ADJUST/POWER-DOWN INTERFACE
Pin TADJ
Temperature Adjust Useful Range
0 to 1.3
V
Minimum Logic Level to Disable
Logic high disables
VPOS − 0.3
V
Input Current
Logic high TADJ = 0 V
31
mA
Logic low TADJ = 4.7 V
200
µA
Enable Time
PWDN low to VOUT at 100% final value, PWDN high to
VOUT at 10% final value
CLPF = open, RF input = 0 dBm, 100 MHz, 1 µs pulse width
84
ns
CLPF = 1000 pF, RF input = 0 dBm, 100 MHz, 1 µs pulse
width
10.8
µs
Disable Time
CLPF = open, RF input = 0 dBm, 100 MHz, 1 µs pulse width
165
ns
CLPF = 1000 pF, RF input = 0 dBm, 100 MHz, 1 µs pulse
width
1.2
µs
Input Impedance1
TADJ = 0.9 V, sourcing 70 µA
13
kΩ
POWER SUPPLY INTERFACE
Pin VPOS
Supply Voltage
2.7
5.5
V
Quiescent Current
25°C, RF input = −55 dBm
31
mA
Supply Current
When disabled
<0.2
mA
1 See the Temperature Compensation of Output Voltage section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com