Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5513ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADL5513ACPZ-R7
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADL5513ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADL5513ACPZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Data Sheet
ADL5513
APPLICATIONS INFORMATION
analog.com
Rev. B | 22 of 25
INCREASING THE DYNAMIC RANGE OF THE
ADL5513
The ADL5513 dynamic range can be extended by adding a stand-
alone VGA, whose gain control input is derived directly from VOUT.
This extends the dynamic range by the gain control range of the
VGA. In order for the overall measurement to remain linear in
dB, the VGA must provide a linear-in-dB (exponential) gain control
function. The VGA gain must decrease with an increase in its gain
bias in the same way as the ADL5513. Alternatively, an inverting
op amp with suitable level shifting can be used. It is convenient to
select a VGA that needs only a single 5.0 V supply and is capable
of generating a single-ended output. All of these conditions are met
by the AD8368. Figure 46 shows the schematic. Using the inverse
gain mode (MODE pin low) of the AD8368, its gain decreases on
a slope of 37.5 mV/dB to a minimum value of −12 dB for a gain
voltage (VGAIN) of 1.0 V. The voltage, VGAIN, that is required by the
AD8368 is 50% of the output of the ADL5513. To scale this voltage,
it is necessary to install a voltage divider at the output of the
ADL5513. Over the 1.5 V range from the output of the ADL5513,
the gain of the AD8368 varies by (0.5 × 1.5 V)/(37.5 mV/dB), or
20 dB. Combined with the 75 dB gain span (at 120 MHz) of the
ADL5513, this results in a 95 dB variation for a 1.5 V change in
VOUT.
Due to the amplification of out-of-band noise by AD8368, a band-
pass filter was inserted between the AD8368 and ADL5513 to
increase the low end sensitivity. The VGA amplifies low power sig-
nals and attenuates high power signals to fit them in the detectable
range of the ADL5513. If an amplifier with higher gain and lower
noise figure is used, better than 90 dB sensitivity can be achieved
for use in an RSSI application.
Figure 45 shows data results of the extended dynamic range at 120
MHz with error in VOUT.
Figure 45. Output and Conformance for the AD8368/ADL5513 Extended
Dynamic Range Circuit
Figure 46. ADL5513 with 95 dB Dynamic Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com