Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-RFP3202U Datasheet(PDF) 1 Page - AG Electronica

Part # GD-RFP3202U
Description  LÁMPARA DE DESINFECCIÓN LED GO-UVC 20W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

GD-RFP3202U Datasheet(HTML) 1 Page - AG Electronica

  GD-RFP3202U Datasheet HTML 1Page - AG Electronica GD-RFP3202U Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
GD-RFP3202U
LÁMPARA DE DESINFECCIÓN LED GO-UVC 20W
Descripción:
Lámpara de desinfección LED GO-UVC 20 W
Eficiente y portátil: índice antibacteriano 99.9%
Seguridad: No Produce Ozono (cero ozono)
Larga duración: Vida útil de la lámpara 4000 horas.
Elimina olores, partículas de polvo y gérmenes que pueden causar alergias, asma y otras
enfermedades dañinas.
 Multifunción: Limpia y desinfecta el aire al matar bacterias, virus, allergan, moho, mejora
efectivamente el entorno de la vida
.


Similar Part No. - GD-RFP3202U

ManufacturerPart #DatasheetDescription
logo
AG Electronica
GD-RFP3102U AGELECTRONICA-GD-RFP3102U Datasheet
837Kb / 2P
LÁMPARA DE DESINFECCIÓN LED GO-UVC 10W
02/06/2020
GD-RFP3502U AGELECTRONICA-GD-RFP3502U Datasheet
270Kb / 2P
LÁMPARA DE DESINFECCIÓN LED GO-UVC 50W
04/06/2020
More results

Similar Description - GD-RFP3202U

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL860A GENESYS-GL860A Datasheet
998Kb / 42P
USB 2.0 UVC Camera Controller
logo
Mean Well Enterprises C...
PLN-20 MEANWELL-PLN-20 Datasheet
183Kb / 3P
20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_11 Datasheet
186Kb / 3P
20W Single Output LED Power Supply
PLN-20_1108 MEANWELL-PLN-20_1108 Datasheet
184Kb / 3P
20W Single Output LED Power Supply
PLP-20 MEANWELL-PLP-20_12 Datasheet
184Kb / 3P
20W Single Output LED Power Supply
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
20W LED Power Supply
logo
Inolux Corporation
IN-C33DTDU1 INOLUX-IN-C33DTDU1 Datasheet
594Kb / 12P
3535 UVC LED
logo
Luminus, Inc
XBT-3535-UV LUMINUS-XBT-3535-UV Datasheet
2Mb / 11P
Surface Mount UVC LED
XST-3535-UV LUMINUS-XST-3535-UV Datasheet
1Mb / 11P
Surface Mount UVC LED
logo
List of Unclassifed Man...
G135-ENV ETC-G135-ENV Datasheet
252Kb / 1P
GO/NO-GO GAGE ENVELOPE DRAWING
REV.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com