Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL13 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL13
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL13 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL13 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TSL12T, TSL13T
LIGHT-TO-VOLTAGE CONVERTERS
TAOS062D − APRIL 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D Converts Light Intensity to Output Voltage
D Monolithic Silicon IC Containing
Photodiode, Transconductance Amplifier,
and Feedback Components
D Single-Supply Operation . . . 2.7 V to 5.5 V
D High Irradiance Responsivity ...Typical
96 mV/(μW/cm2) at λp = 640 nm (TSL12T)
D Low Supply Current . . . 1.1 mA Typical
D Low-Profile Surface-Mount Package
D RoHS Compliant
Description
The TSL12T and TSL13T are cost-optimized, highly integrated light-to-voltage optical sensors, each combining
a photodiode and a transimpedance amplifier (feedback resistor = 80 MΩ and 20 MΩ, respectively) on a single
monolithic integrated circuit. The photodiode active area is 0.5 mm
× 0.5 mm and the sensors respond to light
in the range of 320 nm to 1050 nm. Output voltage is linear with light intensity (irradiance) incident on the sensor
over a wide dynamic range. These devices are supplied in a low-profile surface-mount package (T).
Functional Block Diagram
Voltage
Output
+
−
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL12
0°C to 70°
4-lead Low-Profile Surface-Mount
T
TSL12T
TSL13
0°C to 70°
4-lead Low-Profile Surface-Mount
T
TSL13T
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE T
4-LEAD SMD
(TOP VIEW)
N/C 1
GND 2
4 OUT
3 VDD


Similar Part No. - TSL13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSL1301 TI-TSL1301 Datasheet
127Kb / 8P
102 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1315 ETC-TSL1315 Datasheet
62Kb / 2P
Inductors For Power Line Radial
TSL1315-100K5R1 ETC-TSL1315-100K5R1 Datasheet
62Kb / 2P
Inductors For Power Line Radial
TSL1315-101K2R5 ETC-TSL1315-101K2R5 Datasheet
62Kb / 2P
Inductors For Power Line Radial
TSL1315-102JR78 ETC-TSL1315-102JR78 Datasheet
62Kb / 2P
Inductors For Power Line Radial
More results

Similar Description - TSL13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSLB257 ETC-TSLB257 Datasheet
101Kb / 8P
HIGHSENSITIVITY COLOR LIGHTTOVOLTAGE CONVERTERS
TSL230RD ETC1-TSL230RD Datasheet
111Kb / 10P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL230R ETC1-TSL230R Datasheet
103Kb / 8P
PROGRAMMABLE LIGHTTOFREQUENCY CONVERTERS
logo
TEXAS ADVANCED OPTOELEC...
TSL12S TAOS-TSL12S Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE CONVERTERS
TSL230RD TAOS-TSL230RD Datasheet
200Kb / 14P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
logo
ams AG
TSL12S AMSCO-TSL12S Datasheet
626Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
TSL12T AMSCO-TSL12T Datasheet
651Kb / 15P
LIGHT-TO-VOLTAGE CONVERTERS
TSL230RD AMSCO-TSL230RD Datasheet
636Kb / 15P
PROGRAMMABLE LIGHT-TO-FREQUENCY CONVERTERS
TSL14 AMSCO-TSL14 Datasheet
792Kb / 13P
LIGHT-TO-VOLTAGE CONVERTERS
TSL13FN AMSCO-TSL13FN Datasheet
586Kb / 19P
Light-to-Voltage Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com