Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL13 Datasheet(PDF) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL13
Description  LIGHT-TO-VOLTAGE CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL13 Datasheet(HTML) 10 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TSL13 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL13 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TSL12T, TSL13T
LIGHT-TO-VOLTAGE CONVERTERS
TAOS062D − APRIL 2007
10
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
MECHANICAL DATA
The TSL12T and TSL13T are supplied in a low-profile surface-mount package. This package contains no lead (Pb).
PACKAGE T
Four-Lead Surface Mount Device
TOP VIEW
SIDE VIEW
BOTTOM VIEW
3.80
2.60
A
PIN 1
1.50
0.55
DETAIL A: TYPICAL PACKAGE TERMINAL
0.80
0.90
0.10
0.40
R 0.20
Lead Free
Pb
1.35
3.10
0.35
0.50
2
y 75
Photodiode
(Note C)
PIN 1
0.45
NOTES: A. All linear dimensions are in millimeters.
B. Terminal finish is gold.
C. The center of the 0.50 mm
× 0.50 mm integrated photodiode active area is typically located in the center of the package.
D. Dimension tolerance is ± 0.15 mm.
E. This drawing is subject to change without notice.
Figure 16. Package T — Four-Lead Surface Mount Device Packaging Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com