Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL237 Datasheet(PDF) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL237
Description  HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL237 Datasheet(HTML) 1 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TSL237 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TSL237 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TSL237
HIGH-SENSITIVITY
LIGHT-TO-FREQUENCY CONVERTER
TAOS052G − SEPTEMBER 2007
1
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
D High-Resolution Conversion of Light
Intensity to Frequency With No External
Components
D High Irradiance Responsivity . . .
2.3 kHz/(mW/cm2) at λp = 524 nm
D Low Dark Frequency ...< 2 Hz at 505 C
D Single-Supply Operation . . . 2.7 V to 5.5 V
D Stable 200 ppm/°C Temperature Coefficient
D Interfaces Directly to a Microcontroller
D RoHS Compliant (−LF Package Only)
Description
The TSL237 light-to-frequency converter combines a silicon photodiode and a current-to-frequency converter
on a single monolithic CMOS integrated circuit. Output is a square wave (50% duty cycle) with frequency directly
proportional to light intensity (irradiance) on the photodiode. The digital output allows direct interface to a
microcontroller or other logic circuitry. The device has been temperature compensated for the
ultraviolet-to-visible light range of 320 nm to 700 nm and responds over the light range of 320 nm to 1050 nm.
The TSL237 is characterized for operation over the temperature range of −25°C to 70°C and is supplied in a
3-lead clear plastic side-looker package with an integral lens. When supplied in the lead (Pb) free package, the
device is RoHS compliant.
For automotive and other extended temperature applications, please contact TAOS for information.
Functional Block Diagram
Light
Current-to-Frequency
Converter
Photodiode
Output
Available Options
DEVICE
TA
PACKAGE − LEADS
PACKAGE DESIGNATOR ORDERING NUMBER
TSL237
−25°C to 70°C
3-lead Sidelooker
S
TSL237S
TSL237
−25°C to 70°C
3-lead Sidelooker — Lead (Pb) Free
S
TSL237S−LF
TSL237
−25°C to 70°C
3-lead Surface-Mount Sidelooker — Lead (Pb) Free
SM
TSL237SM−LF
r
r
Texas Advanced Optoelectronic Solutions Inc.
1001 Klein Road S Suite 300 S Plano, TX 75074 S (972) 673-0759
PACKAGE S
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT
PACKAGE SM
SURFACE MOUNT
SIDELOOKER
(FRONT VIEW)
1
GND
2
VDD
3
OUT


Similar Part No. - TSL237

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL237 AMSCO-TSL237 Datasheet
576Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T AMSCO-TSL237T Datasheet
405Kb / 23P
High-Sensitivity Light-to-Frequency Converter
2018-Apr-04
TSL237T AMSCO-TSL237T_V01 Datasheet
405Kb / 23P
High-Sensitivity Light-to-Frequency Converter
2018-Apr-04
More results

Similar Description - TSL237

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL237T TAOS-TSL237T Datasheet
187Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 TAOS-TSL238 Datasheet
181Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T TAOS-TSL238T Datasheet
190Kb / 12P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL237 AMSCO-TSL237 Datasheet
576Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238 AMSCO-TSL238 Datasheet
595Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL238T AMSCO-TSL238T Datasheet
630Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
TSL237T AMSCO-TSL237T_V01 Datasheet
405Kb / 23P
High-Sensitivity Light-to-Frequency Converter
2018-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com