Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL257T Datasheet (PDF) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TSL257T Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Part # TSL257T
Download  TSL257T Download
File Size   176.86 Kbytes
Page   10 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER

TSL257T Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL257T Datasheet PDF - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TSL257T
Download  TSL257T Click to download

File Size   176.86 Kbytes
Page   10 Pages
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS
Description HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER

TSL257T Datasheet (HTML) - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS


TSL257T Product details

Description
The TSL257T is a high-sensitivity low-noise light-to-voltage optical converter that combines a photodiode and a transimpedance amplifier on a single monolithic CMOS integrated circuit. Output voltage is directly proportional to light intensity (irradiance) on the photodiode. The TSL257T has a transimpedance gain of 320 MΩ. The device has improved offset voltage stability and low power consumption and is supplied in a compact 4-lead surface-mount package.

● Converts Light Intensity to Output Voltage
● Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
● High Sensitivity
● Single Voltage Supply Operation (2.7 V to 5.5 V)
● High Irradiance Responsivity . . . Typical 680 mV/(μW/cm2) at λp = 640 nm
● Low Noise (200 μVrms Typ to 1 kHz)
● Rail-to-Rail Output
● High Power-Supply Rejection (35 dB at 1 kHz)
● Low-Profile Surface-Mount Package
● RoHS Compliant




Similar Part No. - TSL257T

ManufacturerPart #DatasheetDescription
logo
ams AG
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
More results


Similar Description - TSL257T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL267 ETC-TSL267 Datasheet
73Kb / 6P
HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 AMSCO-TSL267 Datasheet
703Kb / 9P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com