Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL267 Datasheet (PDF) - List of Unclassifed Manufacturers

TSL267 Datasheet PDF - List of Unclassifed Manufacturers
Part # TSL267
Download  TSL267 Download
File Size   73.95 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER

TSL267 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL267 Datasheet PDF - List of Unclassifed Manufacturers

Part # TSL267
Download  TSL267 Click to download

File Size   73.95 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER

TSL267 Datasheet (HTML) - List of Unclassifed Manufacturers


TSL267 Product details

[TAOS]

Description
The TSL267 is a high-sensitivity low-noise infrared light-to-voltage optical converter that combines a photodiode and a transimpedance amplifier on a single monolithic CMOS integrated circuit. Output voltage is directly proportional to IR light intensity (irradiance) on the photodiode. The TSL267 has a transimpedance gain of 320 MΩ. The device has improved offset voltage stability and low power consumption and is supplied in a 3-lead visible-light-blocking plastic sidelooker package with an integral lens.

● Integral Visible Light Cutoff Filter
● Converts IR Light Intensity to Output Voltage
● Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
● High Sensitivity
● Single Voltage Supply Operation (2.7 V to 5.5 V)
● Low Noise (200 µVrms Typ to 1 kHz)
● Rail-to-Rail Output
● High Power-Supply Rejection (35 dB at 1 kHz)
● Compact 3-Leaded Plastic Package




Similar Part No. - TSL267

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL267 AMSCO-TSL267 Datasheet
703Kb / 9P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL267-LF TAOS-TSL267-LF Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
logo
OSRAM GmbH
TSL2671 OSRAM-TSL2671 Datasheet
972Kb / 45P
Digital Proximity Detector
v1-00 2016-Jul-12
More results


Similar Description - TSL267

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 AMSCO-TSL267 Datasheet
703Kb / 9P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com