Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL267 Datasheet (PDF) - ams AG

TSL267 Datasheet PDF - ams AG
Part # TSL267
Download  TSL267 Download
File Size   703.3 Kbytes
Page   9 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER

TSL267 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL267 Datasheet PDF - ams AG

Part # TSL267
Download  TSL267 Click to download

File Size   703.3 Kbytes
Page   9 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER

TSL267 Datasheet (HTML) - ams AG


TSL267 Product details

Description
The TSL267 is a high-sensitivity low-noise infrared light-to-voltage converter that combines a photodiode and a transimpedance amplifier on a single monolithic CMOS integrated circuit. Output voltage is directly proportional to IR light intensity (irradiance) on the photodiode. The TSL267 has a transimpedance gain of 320 MΩ. The device has improved offset voltage stability and low power consumption and is supplied in a 3-lead visible-light-blocking plastic sidelooker package with an integral lens.

● Integral Visible Light Cutoff Filter
● Converts IR Light Intensity to Output Voltage
● Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
● High Sensitivity
● Single Voltage Supply Operation (2.7 V to 5.5 V)
● Low Noise (200 μVrms Typ to 1 kHz)
● Rail-to-Rail Output
● High Power-Supply Rejection (35 dB at 1 kHz)
● Compact 3-Leaded Plastic Package
● RoHS Compliant (−LF Package Only)




Similar Part No. - TSL267

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL267 ETC-TSL267 Datasheet
73Kb / 6P
HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
TSL267-LF TAOS-TSL267-LF Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL2671 AMSCO-TSL2671 Datasheet
725Kb / 27P
DIGITAL PROXIMITY DETECTOR
logo
OSRAM GmbH
TSL2671 OSRAM-TSL2671 Datasheet
972Kb / 45P
Digital Proximity Detector
v1-00 2016-Jul-12
More results


Similar Description - TSL267

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL267 ETC-TSL267 Datasheet
73Kb / 6P
HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T AMSCO-TSL257T Datasheet
615Kb / 11P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com