Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL257T Datasheet (PDF) - ams AG

TSL257T Datasheet PDF - ams AG
Part # TSL257T
Download  TSL257T Download
File Size   615.81 Kbytes
Page   11 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER

TSL257T Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL257T Datasheet PDF - ams AG

Part # TSL257T
Download  TSL257T Click to download

File Size   615.81 Kbytes
Page   11 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER

TSL257T Datasheet (HTML) - ams AG


TSL257T Product details

Description
The TSL257T is a high-sensitivity low-noise light-to-voltage optical converter that combines a photodiode and a transimpedance amplifier on a single monolithic CMOS integrated circuit. Output voltage is directly proportional to light intensity (irradiance) on the photodiode. The TSL257T has a transimpedance gain of 320 MΩ. The device has improved offset voltage stability and low power consumption and is supplied in a compact 4-lead surface-mount package.

 Converts Light Intensity to Output Voltage
● Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
● High Sensitivity
● Single Voltage Supply Operation (2.7 V to 5.5 V)
● High Irradiance Responsivity . . . Typical 680 mV/(μW/cm2) at λp = 640 nm
● Low Noise (200 μVrms Typ to 1 kHz)
● Rail-to-Rail Output
● High Power-Supply Rejection (35 dB at 1 kHz)
● Low-Profile Surface-Mount Package
● RoHS Compliant




Similar Part No. - TSL257T

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
More results


Similar Description - TSL257T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL267 ETC-TSL267 Datasheet
73Kb / 6P
HIGHSENSITIVITY IR LIGHTTOVOLTAGE CONVERTER
TSL257 ETC-TSL257 Datasheet
79Kb / 6P
HIGHSENSITIVITY LIGHTTOVOLTAGE CONVERTER
logo
TEXAS ADVANCED OPTOELEC...
TSL257 TAOS-TSL257 Datasheet
145Kb / 8P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257T TAOS-TSL257T Datasheet
176Kb / 10P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 TAOS-TSL267 Datasheet
143Kb / 8P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
logo
ams AG
TSL237T AMSCO-TSL237T Datasheet
627Kb / 13P
HIGH-SENSITIVITY LIGHT-TO-FREQUENCY CONVERTER
TSL257 AMSCO-TSL257 Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL267 AMSCO-TSL267 Datasheet
703Kb / 9P
HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
TSL257S AMSCO-TSL257S Datasheet
585Kb / 9P
HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
TSL257 AMSCO-TSL257_V01 Datasheet
194Kb / 19P
High-Sensitivity Light-to-Voltage Converter
2016-Jul-25
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com