Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL267 Datasheet(PDF) 5 Page - ams AG

Part # TSL267
Description  HIGH-SENSITIVITY IR LIGHT-TO-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

TSL267 Datasheet(HTML) 5 Page - ams AG

  TSL267 Datasheet HTML 1Page - ams AG TSL267 Datasheet HTML 2Page - ams AG TSL267 Datasheet HTML 3Page - ams AG TSL267 Datasheet HTML 4Page - ams AG TSL267 Datasheet HTML 5Page - ams AG TSL267 Datasheet HTML 6Page - ams AG TSL267 Datasheet HTML 7Page - ams AG TSL267 Datasheet HTML 8Page - ams AG TSL267 Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TSL267
HIGH-SENSITIVITY
IR LIGHT-TO-VOLTAGE CONVERTER
TAOS033E − SEPTEMBER 2007
4
r
r
Copyright E 2007, TAOS Inc.
The LUMENOLOGY r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
Figure 2
0.6
0
700
800
900
1000
1.2
1100
1.0
0.8
0.4
λ − Wavelength − nm
TA = 25°C
0.2
1.4
1.6
PHOTODIODE SPECTRAL RESPONSIVITY
Normalized to
940 nm
Figure 3
20
0
80
60
40
10
f − Frequency − Hz
10
102
106
105
104
103
30
70
50
POWER SUPPLY REJECTION RATIO
vs
FREQUENCY
Figure 4
4
2
1
0
70
0
10
DARK VOLTAGE
vs
FREE-AIR TEMPERATURE
10
30
50
3
TA − Free-Air Temperature − °C
60
20
40
9
7
6
5
8
VDD = 5 V
Figure 5
0
NORMALIZED RESPONSE
vs
ANGULAR DISPLACEMENT
−90 −70
−50
−30
10
30
50
70
90
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
−10
Angular Displacement − 5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com