Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOR-05-SM-R1 Datasheet(PDF) 1 Page - Eravant

Part # SOR-05-SM-R1
Description  Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SOR-05-SM-R1 Datasheet(HTML) 1 Page - Eravant

  SOR-05-SM-R1 Datasheet HTML 1Page - Eravant SOR-05-SM-R1 Datasheet HTML 2Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOR-05-SM-R1
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2024 by Eravant
1/2
Final Rev 1.0
Voltage Regulator
SOR-05-SM-R1 is a voltage regulator designed and manufactured to
protect externally biased products from being reverse biased or over
biased. The well-regulated and low ripple output voltage supplied by the
regulator ensures externally biased products operate with a stable DC
supply.
The voltage regulator is recommended for use with Eravant’s
externally biased mixers product line with model number SFB-XX-E2,
where XX indicates waveguide band.
Electrical Specifications:
*DC output voltage is factory set to appropriate level depending on the mixer model.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Input Voltage
+6 to +15 VDC
Output Voltage*
+5 VDC
Maximum Output Current
5 mA
Specification Temperature
+25°C
Case Temperature
0°C
+50°C
Item
Specification
Input Connector
Bias Pins
Output Connector
SMA (M)
Case Material
Aluminum
Finish
Gold Plated
Weight
2.4 Oz
Outline
OR-RC
ECCN
EAR99
FEATURES
•
High Regulated and Precise
Output Voltage
APPLICATIONS
•
Lab Test Setups
•
Externally Biased Mixer
SUPPLEMENTAL DETAILS


Similar Part No. - SOR-05-SM-R1

ManufacturerPart #DatasheetDescription
logo
Eravant
SOR-M3 ERAVANT-SOR-M3 Datasheet
269Kb / 2P
Gunn Oscillator AM/FM Modulator, GaAs Gunn Diodes Biased
Rev 1.1
SOR-M5 ERAVANT-SOR-M5 Datasheet
269Kb / 2P
Gunn Oscillator AM/FM Modulator, InP Gunn Diodes Biased
Rev 1.1
SOR-R3 ERAVANT-SOR-R3 Datasheet
264Kb / 2P
Gunn Oscillator Regulator
Rev 1.2
More results

Similar Description - SOR-05-SM-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC10XX ETC-SC10XX Datasheet
166Kb / 9P
VOLTAGE REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4274 INFINEON-TLE4274 Datasheet
217Kb / 12P
Voltage Regulator
Rev. 2.1, 2004-01-01
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
VOLTAGE REGULATOR
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
VOLTAGE REGULATOR
R200LD10 ETL-R200LD10 Datasheet
394Kb / 8P
VOLTAGE REGULATOR
logo
Texas Instruments
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
Voltage Regulator
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
VOLTAGE REGULATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com