Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSC Datasheet(PDF) 1 Page - Power-One

Part # PSC
Description  6 to 12 A Switching Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSC Datasheet(HTML) 1 Page - Power-One

  PSC Datasheet HTML 1Page - Power-One PSC Datasheet HTML 2Page - Power-One PSC Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PSC Series Data Sheet
6 to 12 A Switching Regulators
APR 05, 2004 revised to JUN 06, 2006
Page 1 of 3
www.power-one.com
Features
• RoHS lead solder exemption compliant
• Efficiency up to 97%
• Low input-output differential voltage
• No derating over temperature
Input voltage up to 144 VDC
Single output of 3.3 to 36 VDC
No input-to-output isolation
Model Selection
Output
Input voltage
Rated power
Efficiency
Type
Options
Vonom
Io nom
Vi
Po tot
htyp
[VDC]
[A]
[VDC]
[W]
[%]
3.3
12
8 - 40
39.6
77
PSC 3E12-2
iR-Package
5.1
10
8 - 80
51
79
PSC 5A10-7iR
-9, L, P, C, D
5.1
11
8 - 40
56.1
79
PSC 5A11-2
iR-Package
5.1
12
7 - 40
61.2
83
PSC 5A12-7iR
-9, L, P, C, D
12
6
18 - 144
72
89
PSC 126-7iR
-9, L, P, C, D
12
8
15 - 80
96
90
PSC 128-7iR
-9, L, P, C, D
12
9
15 - 40
108
90
PSC 129-2
iR-Package
15
6
22 - 144
90
90
PSC 156-7iR
-9, L, P, C, D
15
8
19 - 80
120
91
PSC 158-7iR
-9, L, P, C, D
15
9
19 - 40
135
91
PSC 159-2
iR-Package
24
6
31 - 144
144
94
PSC 246-7iR
-9, L, P, C, D
24
8
29 - 80
192
94
PSC 248-7iR
-9, L, P, C, D
24
9
29 - 60
216
94
PSC 249-2
iR-Package
36
6
44 - 144
216
95
PSC 366-7iR
-9, L, P, C, D
36
8
42 - 80
288
96
PSC 368-7iR
-9, L, P, C, D
48
6
58-144
288
97
PSC 486-7iR
-9, L, P, C, D


Similar Part No. - PSC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PSC VISHAY-PSC Datasheet
129Kb / 3P
Spiral Chip Inductor
14-Mar-08
logo
DDK Ltd.
PSC DDK-PSC Datasheet
199Kb / 3P
SMB Connector
logo
Eaton All Rights Reserv...
PSC EATON-PSC Datasheet
206Kb / 6P
General-Purpose and Sensor Power Supplies
April 2019
logo
Clarke International
PSC CLARKE-PSC Datasheet
307Kb / 8P
SPRAY GUN
0903
logo
Mini-Circuits
PSC-10-1 MINI-PSC-10-1 Datasheet
201Kb / 1P
Power Splitter/Combiner
More results

Similar Description - PSC

ManufacturerPart #DatasheetDescription
logo
Power-One
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
1...6 A Switching Regulators
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
3...8 A Switching Regulators
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
6...12 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
9...25 A Switching Regulators
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
6...12 A Switching Regulators
PSR52-7 POWER-ONE-PSR52-7_06 Datasheet
70Kb / 3P
1 to 6 A Switching Regulator
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
3 to 8 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
6 to 12 A Switching Regulators
logo
Texas Instruments
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
6-A 12-V Input Adjustable Integrated Switching Regulator
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
A 6 -12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com