Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1643 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1643
Description  1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1643 Datasheet(HTML) 2 Page - Microchip Technology

  MCP1643 Datasheet HTML 1Page - Microchip Technology MCP1643 Datasheet HTML 2Page - Microchip Technology MCP1643 Datasheet HTML 3Page - Microchip Technology MCP1643 Datasheet HTML 4Page - Microchip Technology MCP1643 Datasheet HTML 5Page - Microchip Technology MCP1643 Datasheet HTML 6Page - Microchip Technology MCP1643 Datasheet HTML 7Page - Microchip Technology MCP1643 Datasheet HTML 8Page - Microchip Technology MCP1643 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
MCP1643
DS20005208B-page 2
 2013-2023 Microchip Technology Inc. and its subsidiaries
Typical Applications
10
100
1000
0.1
1
10
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
Input Voltage (V)
R
SET for ILED MIN
I
LED MIN
I
LED MAX
R
SET for ILED MAX
T
A = +25
oC
VIN
GND
VFB
COUT
4.7 µF
CIN
4.7...10 µF
L1
4.7 µH
SW
LED
4.7
EN
VOUT
+
-
ON
OFF
MCP1643
ILED =25mA
RSET
VIN
GND
VFB
COUT
20 µF
CIN
4.7...10 µF
L1
4.7 µH
SW
WHITE LED
0.33
EN
VOUT
+
-
ON/OFF
MCP1643
ILED = 360 mA
RSET
+
-
1M
REN
ILED
0.12V
RSET
-----------------
=
RSET Minimum and Maximum Limits for ILED in Regulation, with ±6% Tolerance
WHITE LED
ILED MAX
ILED MIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com