Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1643 Datasheet (PDF) - Microchip Technology

MCP1643 Datasheet PDF - Microchip Technology
Part # MCP1643
Download  MCP1643 Download
File Size   811.38 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator

MCP1643 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP1643 Datasheet PDF - Microchip Technology

Part # MCP1643
Download  MCP1643 Click to download

File Size   811.38 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1 MHz Low Start-up Voltage Synchronous Boost LED Constant Current Regulator

MCP1643 Datasheet (HTML) - Microchip Technology


MCP1643 Product details

Features
• Passes Automotive AEC-Q100 Reliability Testing
• 1.6A Typical Peak Input Current Limit
• Up to 550 mA LED Load Current
• Low Start-up Voltage: 0.65V (typical, 25 mA LED
Current)
• Low Operating Input Voltage: down to 0.5V
• Maximum Input Voltage < VLED < 5.0V
• Maximum Output Voltage:
- 5.0V
- Overvoltage Protection
• Low Reference Voltage:
- VFB = 120mV
- Minimal Power Loss on Sense Resistor
• Pulse-Width Modulation Mode Operation (1 MHz)
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting
• Internal Soft-Start (240 μs typical)
• Shutdown (EN = GND):
- True Load Disconnect
- Dimming Control by Variable Duty Cycle
• Shutdown Current: 1.2 μA (typical)
• Overtemperature Protection
• Packages:
- MSOP-8
- 2 mm x 3 mm DFN-8
Applications
• One and Two Cell Alkaline and NiMH/NiCd
Portable LED Lighting Products
• LED Flashlight and Head Lamps
• Rechargeable Flashlights
• Wall LED Lamps with Motion Detectors
• LED supply for backlights
• General LED constant current applications




Similar Part No. - MCP1643

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1643 MICROCHIP-MCP1643 Datasheet
518Kb / 26P
RGB LED Driver Demonstration Board
07/14/15
More results


Similar Description - MCP1643

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4851 MICRO-LINEAR-ML4851 Datasheet
286Kb / 9P
Low Current, Voltage Boost Regulator
logo
Semtech Corporation
SC120 SEMTECH-SC120_10 Datasheet
557Kb / 32P
Low Voltage Synchronous Boost Regulator
SC121 SEMTECH-SC121 Datasheet
335Kb / 23P
Low Voltage Synchronous Boost Regulator
logo
Microchip Technology
MCP1642B MICROCHIP-MCP1642B Datasheet
687Kb / 32P
1.8A Input Current Switch, 1 MHz Low-Voltage Start-Up Synchronous Boost Regulator
03/25/14
logo
Diodes Incorporated
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR401UW6Q DIODES-BCR401UW6Q Datasheet
683Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 1
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 5
BCR405UW6 DIODES-BCR405UW6_17 Datasheet
456Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR420UFD DIODES-BCR420UFD Datasheet
611Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
logo
Shenzhen Huazhimei Semi...
HM3441 HMSEMI-HM3441 Datasheet
241Kb / 8P
Synchronous Buck-Boost DC/DC Constant Output Current Regulator
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com