Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVR600P160C-R1 Datasheet(PDF) 2 Page - Littelfuse

Part # HVR600P160C-R1
Description  RESETTABLE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HVR600P160C-R1 Datasheet(HTML) 2 Page - Littelfuse

  HVR600P160C-R1 Datasheet HTML 1Page - Littelfuse HVR600P160C-R1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
040706
www.littelfuse.com
POLYFUSE® RESETTABLE FUSES
No. HVR600
Thermal Derating Chart
Model
Ambient Operation Temperature - I
hold (A)
-40 °C
-20 °C
0 °C
23 °C
40 °C
60 °C
85 °C
HVR600P150C
0.23
0.21
0.18
0.15
0.12
0.10
0.06
HVR600P160C
0.24
0.22
0.19
0.16
0.13
0.12
0.07
HVR600P150CF
0.23
0.21
0.18
0.15
0.12
0.10
0.06
HVR600P160CF
0.24
0.22
0.19
0.16
0.13
0.12
0.07
A : HVR600P160F
B : HVR600P150F
Average time-current curve
Part-numbering system
F: Tape and ammo packaging
Resistance Bin Range (05:0.5 Ohm, 10: 1.0 Ohm)
Rx: Resistance Range (x:A-Z or 1-9)
T: Pre-tripped device
F: Lead free device
C: Coated device
Current Rating
Polyfuse
Voltage Rating
High Voltage Radial Device
HVR
P
Agency Specification
Product
Lightning
Power Cross
HVR600P150C
FCC part 68 - 1.0 kV 10/160 μs
UL60950, 3rd ed. - 600 V ac, 40 A
HVR600P160C
800 V 10/560 μs
Telcordia GR - 1089 - 600 V ac, 60 A
HVR600P150CF
Telcordia GR - 1089 - 1.0 kV 10/1000 μs
HVR160CF
select a specific part number for
each application based on the
agency request



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com