Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVR600P160C-R1 Datasheet(PDF) 1 Page - Littelfuse

Part # HVR600P160C-R1
Description  RESETTABLE FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

HVR600P160C-R1 Datasheet(HTML) 1 Page - Littelfuse

  HVR600P160C-R1 Datasheet HTML 1Page - Littelfuse HVR600P160C-R1 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
040706
www.littelfuse.com
POLYFUSE® RESETTABLE FUSES
Dimensions (mm)
Order
Qty.
Order-
Model
Packaging
Information
Number
No. HVR600
HVR600P150C
0.15
0.30
600/60
3
5.00 @ 1.00
1.00
6.0
12.0
22.0
•
•
HVR600P150C-RA
0.15
0.30
600/60
3
5.00 @ 1.00
1.00
7.0
10.0
20.0
•
•
HVR600P150C-RB
0.15
0.30
600/60
3
4.50 @ 1.00
1.00
9.0
12.0
22.0
•
•
HVR600P150CF
0.15
0.30
600/60
3
5.00 @ 1.00
1.00
6.0
12.0
22.0
•
•
HVR600P160C
0.16
0.32
600/60
3
7.00 @ 1.00
1.00
4.0
10.0
18.0
•
•
HVR600P160C-RA
0.16
0.32
600/60
3
9.50 @ 1.00
1.00
4.0
7.0
16.0
•
•
HVR600P160C-R1
0.16
0.32
600/60
3
9.00 @ 1.00
1.00
4.0
8.0
17.0
•
•
HVR600P160CF
0.16
0.32
600/60
3
7.00 @ 1.00
1.00
4.0
10.0
18.0
•
•
Model
I
hold
I
Trip
V
max.
I
max.
max. time to trip
P
d max.
Resistance
Approvals
(A)
V
int/AC/Vop/DC*
(A)
(s @ A)
(W)
R
min.()
R
max.()
R
I max.()
Permissible continuous operating current is ≤ 100 % at ambient temperature of 20 ºC (68 ºF).
NOTE:
I
hold =
Hold current: maximum current device will pass without tripping in 20 °C still air.
I
trip =
Trip current: minimum current at which the device will trip in 20 °C still air.
I
max =
Maximum fault current device can withstand without damage at rated voltage (V
max)
P
d =
Power dissipated from device when in the tripped state at 20°C still air.
R
min=
Minimum resistance of device in initial (un-soldered) state.
R
1max=
Maximum resistance of device at 20°C measured one hour after tripping for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing and flame.
Specifications are subject
to change without notice.
* V
int :Interrupt Voltage
V
op : Operating Voltage(V dc)
Dimensions (mm)
Model
A
B
C
D
E
Physical Characteristics
packaging quantity
Max
Max
typ
Min
Max
Lead
Material
bag
ammo
HVR600P150C
13,5
12,6
5,1
4,7
6,0
0.65 dia
Sn/Cu
200
600
HVR600P150C-RA
13,5
12,6
5,1
4,7
6,0
0.65 dia
Sn/Cu
200
600
HVR600P150C-RB
13,5
12,6
5,1
4,7
6,0
0.65 dia
Sn/Cu
200
600
HVR600P150CF
13,5
12,6
5,1
4,7
6,0
0.65 dia
Sn/Cu
200
600
HVR600P160C
16,0
12,6
5,1
4,7
6,0
0.65 dia
Sn/Cu
200
500
HVR600P160C-RA
16,0
12,6
5,1
4,7
6,0
0.65 dia
Sn/Cu
200
500
HVR600P160C-R1
16,0
12,6
5,1
4,7
6,0
0.65 dia
Sn/Cu
200
500
HVR600P160CF
16,0
12,6
5,1
4,7
6,0
0.65 dia
Sn/Cu
200
500
Specifications
Packaging
A:
bulk
F:
tape and ammo
Materials
Insulating Material: Yellow Epoxy Polymer,
UL 94V0
Round Pins:
Copper alloy, tin plated
Max. Device Surface Temperature in Tripped State
125 °C
Operating / Storage Temperature
-40 ºC to +85 ºC (consider de-rating)
Humidity Ageing
+85 °C, 85 % R.H., 1000 hours, ± 5 % typical
resistance change
Soldering Characteristics
Solderability per MIL-STD-202, Method 208E
Thermal Shock
MIL-STD-202F, Method 107G
+125 °C to -40 °C 10 times, ±5 % typical resistance
change
Solvent Resistance
MIL-STD-202, Method 215F, no change
Marking
“P”, voltage, amperage rating, lot number
High Voltage
PTC Device, 60 V / 600 V
Standard
UL 1434 1st Edition
CSA C22.2 No. 0 CSA TIL No. CA-3A
Approvals
cULus Recognition
TÜV
Features
This product line is designed to provide protec-
tion against induced AC power current, direct
power contact and the natural lightning strike.
The HVR600 product line is widely used in the
field of telecommunications and network-
ing, ISDN and XSDN eguipment. It also helps
equipment manufacturers pass ITU K20, K21 and
telcordia requirements.
Devices are not intended for
continuous use at 250 V / 600 V!
Dimensions (mm)


Similar Part No. - HVR600P160C-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVR6000 ETC1-HVR6000 Datasheet
615Kb / 6P
HIGH VOLTAGE RECTIFIERS
More results

Similar Description - HVR600P160C-R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFRA ETC1-PFRA Datasheet
141Kb / 5P
RESETTABLE FUSES
logo
Bourns Electronic Solut...
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
logo
Schurter Inc.
0034.3110 SCHURTER-0034.3110 Datasheet
169Kb / 2P
Non resettable fuses
logo
Bourns Electronic Solut...
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com