Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9741 Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9741
Description  2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9741 Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA9741 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9741 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9741 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ETA9741
www.etasolution.com
3
Powering Minds of the Smart
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Short Circuit Hiccup Current
3.8
A
Short Circuit Hiccup Timer
On Time
45
ms
Off Time
2000
Charging Thermal Regulation threshold
85
oC
Thermal Shutdown
Rising, Hys=20oC
150
oC
PIN DESCRIPTION
PIN #
NAME
DESCRIPTION
1
SW
Inductor Connection. Connect an inductor Between SW and the regulator output
2
LED1
Fuel gauge LED1, LED2 connection pin
3
LED2
Fuel gauge LED3, LED4 connection pin
4
LED3
Fuel gauge LED1, LED2, LED3, LED4 connection pin
5
Button
Push Button pin. When the push button is pushed, LED 4 LEDs Fuel gauge are lighted.
6
BAT
Battery pin. Connect a Battery to this pin, and with a bypass capacitor 10uF.
7
OUT
Output pin. Bypass with a 22uF or larger ceramic capacitor closely between this pin
and GND
8
PGND
Power Ground Pin
9 / Exposed Pad
AGND
Analog Ground Pin
TYPICAL CHARACTERISTICS
(Vin=5V, TA=250C, unless otherwise specified)
90%
91%
92%
93%
94%
95%
96%
97%
98%
99%
100%
2
2.5
3
3.5
4
4.5
Iout (A)
VIN=5V,ICHARGER=2.2A
0
0.5
1
1.5
2
2.5
0
1
2
3
4
5
Vout (V)
VIN=5V,ICHARGER=2.2A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com