Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA9741 Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA9741
Description  2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA9741 Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA9741 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA9741 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA9741 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ETA9741
www.etasolution.com
1
Powering Minds of the Smart
2A Switching Charger, 2.4A Boost and Fuel Gauge with Single Inductor
DESCRIPTION
FEATURES
ETA9741 is a switching Li-Ion battery charger capable of
delivering 2A of charging current to the battery and also capable
of delivering up to 5V/2.4A in boost operation, with high efficiency
in both charging mode and boost mode. It also includes a fuel
gauge system for power indication. For charging, it uses a
proprietary control scheme that eliminates the current sense
resistor for conventional constant current control, maximizing
efficiency, reducing charging time and reducing costs. It can also
output a 5V voltage in the reversed direction by boosting from the
battery. It only needs a single inductor to provide power bi-
directionally with a proprietary automatic mode detect and
switch scheme. ETA9741 is an ideal all-in-one solution for battery
charging and discharge applications, such as power banks, smart
phones, and tablets with only one USB port that can be used for
charging battery function.
ETA9741 is suitable for charging a 4.2V Li-ion battery. And ETA9741
is in ESOP8 package.
 Bi-Directional Power conversion with Single
Inductor
 Automatic Mode Switching
 Switching Charger
 5V Synchronous Boost
 Up to 96% Efficiency
 2A charging current and 2.4A discharging
 No-Battery detection
 No External Sense resistor
 4 LEDs Fuel gauge
 Button Controlled
APPLICATIONS
 Tablet, MID
 Smart Phone
 Power Bank
TYPICAL APPLICATION
ORDERING INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA9741E8A
ESOP8
ETA9741
4000


Similar Part No. - ETA9741

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA9740 ETA-ETA9740 Datasheet
613Kb / 5P
3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
ETA9740E8A ETA-ETA9740E8A Datasheet
613Kb / 5P
3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
ETA9742 ETA-ETA9742 Datasheet
1Mb / 5P
3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
ETA9742E8A ETA-ETA9742E8A Datasheet
1Mb / 5P
3 A Switching Charger, 2.4 A Boost and 3 LED indicators for battery level, charge/discharge status in One ESOP8 with S ingle Inductor
More results

Similar Description - ETA9741

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
Single-Cell CEDV Fuel Gauge
BQ27320 TI1-BQ27320 Datasheet
441Kb / 29P
Single-Cell CEDV Fuel Gauge
BQ27520-G1 TI1-BQ27520-G1_15 Datasheet
1,022Kb / 49P
Fuel Gauge With Integrated LDO
logo
ETA SOLUTIONS CO. LIMIT...
ETA6082 ETA-ETA6082 Datasheet
141Kb / 1P
Single Inductor, 3A Switch Mode Battery Charger, 2.1A USB OTG, and Fuel Gauge All-in-One Solution
logo
Shenzhen Huazhimei Semi...
HM5907 HMSEMI-HM5907 Datasheet
998Kb / 5P
3A Switching Charger, 2.4A Boost and Fuel Gauge in One ESOP8 with Single Inductor
HM5907B HMSEMI-HM5907B Datasheet
763Kb / 5P
3A Switching Charger, 2.4A Boost and 3 LED-indicators for battery level,
HM5909 HMSEMI-HM5909 Datasheet
874Kb / 5P
1.2A Switching Charger and 1.2A Boost in One Sot23-5 with Single Inductor
logo
Analog Devices
MAX17332 AD-MAX17332 Datasheet
4Mb / 168P
AccuCharge ModelGauge m5 EZ 1-Cell Charger, Fuel Gauge, and Protector
Rev 1; 1/23
logo
Silicon Mitus, Inc.
SM5602 SILICONMITUS-SM5602 Datasheet
618Kb / 2P
Fuel Gauge with Smart Engine
May 2021 Rev1.0.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA9740 ETA-ETA9740 Datasheet
613Kb / 5P
3 A Switching Charger, 2.4 A Boost and Fuel Gauge in One ESOP8 with S ingle Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com