Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAP-P3-R Datasheet(PDF) 1 Page - Belden Inc.

Part # TAP-P3-R
Description  Mini Power Tee Connector: 1 3/8" male to 1 3/8" female and 1 3/8" female, 3-pin(2PE), red body, 600 V, 42 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

TAP-P3-R Datasheet(HTML) 1 Page - Belden Inc.

  TAP-P3-R Datasheet HTML 1Page - Belden Inc. TAP-P3-R Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: TAP-P 3-R
Mini Power Tee Connector: 1 3/8" male to 1 3/8" female and 1 3/8" female,
3-pin(2+PE), red body, 600 V, 42 A
Product Description
Mini Power Tee Connector: 1 3/8" male to 1 3/8" female and 1 3/8" female, 3-pin(2+PE), red body, 600 V, 42 A
Technical Drawing
Technical Specifications
Product Description
Product Family:
Power Connector
Brand:
Lumberg Automation
Connector Type:
Tee
Shielding:
Unshielded
Rated Voltage (UL):
600 V
Rated Current (UL)*:
42 A
Technical Data Side 1
Product Sub Family:
Mini Power 1-3/8"
Type of Contact / Gender:
male
Connector Design:
straight
Attachment Type:
Coupling Nut
Number of Pins:
3(2+PE)
Mating Cycles:
≤ 100
Ambient Temperature (Operation)*:
-40°C to +90°C
Protection Degree / IP Rating**:
IP65, IP67
Contact Base Material:
Cu Alloy
Contact Plating:
Au
Contact Bearer Material:
PVC
Contact Bearer Color:
black
Molded Body Material:
PVC
Molded Body Color:
Red


Similar Part No. - TAP-P3-R

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
TAP-PA4 BELDEN-TAP-PA4 Datasheet
461Kb / 2P
Mini Power Reducing Tee Connector: 1 3/8" male to 1 3/8" female and 7/8" female, 4-pin(3PE), black body, 600 V, 15 A
More results

Similar Description - TAP-P3-R

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
logo
Molex Electronics Ltd.
1300970184 MOLEX-1300970184 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1
2016/05/04
1300970185 MOLEX-1300970185 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970186 MOLEX-1300970186 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970187 MOLEX-1300970187 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970191 MOLEX-1300970191 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970192 MOLEX-1300970192 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970193 MOLEX-1300970193 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970194 MOLEX-1300970194 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
1300970195 MOLEX-1300970195 Datasheet
179Kb / 1P
STRAIN RELIEF DELUXE STRAIGHT FEMALE 3/8 TO 1 N.P.T.
2016/05/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com