Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAP-P3-R Datasheet(PDF) 2 Page - Belden Inc.

Part # TAP-P3-R
Description  Mini Power Tee Connector: 1 3/8" male to 1 3/8" female and 1 3/8" female, 3-pin(2PE), red body, 600 V, 42 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

TAP-P3-R Datasheet(HTML) 2 Page - Belden Inc.

  TAP-P3-R Datasheet HTML 1Page - Belden Inc. TAP-P3-R Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Side 2
Product Sub Family, Side 2:
Mini Power 1-3/8"
Type of Contact / Gender, Side 2:
female
Connector Design, Side 2:
straight
Attachment Type, Side 2:
Coupling Nut
Number of Pins, Side 2:
3(2+PE)
Mating Cycles, Side 2:
≤ 100
Ambient Temperature (Operation), Side 2*: -40°C to +90°C
Protection Degree / IP Rating, Side 2**:
IP65, IP67
Contact Base Material, Side 2:
Cu Alloy
Contact Plating, Side 2:
Au
Contact Bearer Material, Side 2:
PVC
Contact Bearer Color, Side 2:
black
Molded Body Material, Side 2:
PVC
Molded Body Color, Side 2:
Red
Technical Data Side 3
Product Sub Family, Side 3:
Mini Power 1-3/8"
Type of Contact / Gender, Side 3:
female
Connector Design, Side 3:
straight
Attachment Type, Side 3:
Coupling Nut
Number of Pins, Side 3:
3(2+PE)
Mating Cycles, Side 3:
≤ 100
Ambient Temperature (Operation), Side 3*: -40°C to +90°C
Protection Degree / IP Rating, Side 3**:
IP65, IP67
Contact Base Material, Side 3:
Cu Alloy
Contact Plating, Side 3:
Au
Contact Bearer Material, Side 3:
PVC
Contact Bearer Color, Side 3:
black
Molded Body Material, Side 3:
PVC
Molded Body Color, Side 3:
Red
Approvals
UL-File:
UL: E482233
UL:
UL 2237
CSA:
C-UL LISTED: E482233
Safety & Environmental Compliance
RoHS Compliant:
yes
Notes
Protection Degree / IP Rating Note:
** only if mounted and locked in combination with Hirschmann / Lumberg Automation connector.
Variants
Item #
Item Description
511000882 TAP-P 3-R
© 2024 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com