Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1185ACSW.TRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC1185ACSW.TRT
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1185ACSW.TRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC1185ACSW.TRT Datasheet HTML 2Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 3Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 4Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 5Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 6Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 7Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 8Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 9Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1185 & SC1185A
r
e
t
e
m
a
r
a
Pd
r
a
d
n
a
t
Sn
o
i
s
r
e
V
"
A
"
d
i
V
0
1
2
3
4
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
t
u
O1
1
1
1
07
7
2
.
10
0
3
.
13
2
3
.
17
8
2
.
10
0
3
.
13
1
3
.
1V
0
1
1
1
06
2
3
.
10
5
3
.
14
7
3
.
17
3
3
.
10
5
3
.
14
6
3
.
1
1
0
1
1
05
7
3
.
10
0
4
.
15
2
4
.
16
8
3
.
10
0
4
.
14
1
4
.
1
0
0
1
1
04
2
4
.
10
5
4
.
16
7
4
.
16
3
4
.
10
5
4
.
15
6
4
.
1
1
1
0
1
08
7
4
.
10
0
5
.
13
2
5
.
15
8
4
.
10
0
5
.
15
1
5
.
1
0
1
0
1
07
2
5
.
10
5
5
.
13
7
5
.
15
3
5
.
10
5
5
.
16
6
5
.
1
1
0
0
1
06
7
5
.
10
0
6
.
14
2
6
.
14
8
5
.
10
0
6
.
16
1
6
.
1
0
0
0
1
05
2
6
.
10
5
6
.
15
7
6
.
14
3
6
.
10
5
6
.
17
6
6
.
1
1
1
1
0
05
7
6
.
10
0
7
.
16
2
7
.
13
8
6
.
10
0
7
.
17
1
7
.
1
0
1
1
0
04
2
7
.
10
5
7
.
18
1
8
.
13
3
7
.
10
5
7
.
18
6
7
.
1
1
0
1
0
02
8
7
.
10
0
8
.
19
6
8
.
12
8
7
.
10
0
8
.
18
1
8
.
1
0
0
1
0
02
3
8
.
10
5
8
.
19
1
9
.
12
3
8
.
10
5
8
.
19
6
8
.
1
1
1
0
0
01
8
8
.
10
0
9
.
10
7
9
.
11
8
8
.
10
0
9
.
19
1
9
.
1
0
1
0
0
01
3
9
.
10
5
9
.
10
2
0
.
21
3
9
.
10
5
9
.
10
7
9
.
1
1
0
0
0
00
8
9
.
10
0
0
.
20
2
0
.
20
8
9
.
10
0
0
.
20
2
0
.
2
0
0
0
0
00
3
0
.
20
5
0
.
21
7
0
.
20
3
0
.
20
5
0
.
21
7
0
.
2
1
1
1
1
10
7
9
.
10
0
0
.
20
3
0
.
20
7
9
.
10
0
0
.
20
3
0
.
2
0
1
1
1
19
6
0
.
20
0
1
.
22
3
1
.
29
6
0
.
20
0
1
.
22
3
1
.
2
1
0
1
1
17
6
1
.
20
0
2
.
23
3
2
.
27
6
1
.
20
0
2
.
23
3
2
.
2
0
0
1
1
16
6
2
.
20
0
3
.
25
3
3
.
26
6
2
.
20
0
3
.
25
3
3
.
2
1
1
0
1
14
6
3
.
20
0
4
.
26
3
4
.
24
6
3
.
20
0
4
.
26
3
4
.
2
0
1
0
1
13
6
4
.
20
0
5
.
28
3
5
.
23
6
4
.
20
0
5
.
28
3
5
.
2
1
0
0
1
11
6
5
.
20
0
6
.
29
3
6
.
21
6
5
.
20
0
6
.
29
3
6
.
2
0
0
0
1
10
6
6
.
20
0
7
.
21
4
7
.
20
6
6
.
20
0
7
.
21
4
7
.
2
1
1
1
0
18
5
7
.
20
0
8
.
22
4
8
.
28
5
7
.
20
0
8
.
22
4
8
.
2
0
1
1
0
12
4
8
.
20
0
9
.
28
52
4
8
.
20
0
9
.
28
5
9
.
2
1
0
1
0
10
4
9
.
20
0
0
.
30
6
0
.
30
4
9
.
20
0
0
.
30
6
0
.
3
0
0
1
0
18
3
0
.
30
0
1
.
32
6
1
.
38
3
0
.
30
0
1
.
32
6
1
.
3
1
1
0
0
16
3
1
.
30
0
2
.
34
6
2
.
36
3
1
.
30
0
2
.
34
6
2
.
3
0
1
0
0
14
3
2
.
30
0
3
.
36
6
3
.
34
3
2
.
30
0
3
.
36
6
3
.
3
1
0
0
0
12
3
3
.
30
0
4
.
38
6
4
.
32
3
3
.
30
0
4
.
38
6
4
.
3
0
0
0
0
10
3
4
.
30
0
5
.
30
7
5
.
30
3
4
.
30
0
5
.
30
7
5
.
3
Output Voltage Table
Unless specified: 4.75V < VCC < 5.25V; GND = PGND = 0V; VOSENSE = V
O; 0mV < (CS+-CS-) < 60mV; = 0°C < Tj < 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com