Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1185ACSW.TRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SC1185ACSW.TRT
Description  Programmable Synchronous DC/DC Converter, Dual LDO Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC1185ACSW.TRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SC1185ACSW.TRT Datasheet HTML 6Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 7Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 8Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 9Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 10Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 11Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 12Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 13Page - Semtech Corporation SC1185ACSW.TRT Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC1185 & SC1185A
Typical Characteristics
Typical Efficiency at Vo=2.8V
70%
75%
80%
85%
90%
95%
02
46
8
10
12
14
16
Io (Amps)
2.8V Std
2.8V Sync
2.8V Sync Lo Rds
Typical Efficiency at Vo=2.0V
70%
75%
80%
85%
90%
95%
02
4
6
8
10
12
14
16
Io (Amps)
2.0V Std
2.0V Sync
2.0V Sync Lo Rds
Typical Efficiency at Vo=2.5V
70%
75%
80%
85%
90%
95%
0
2
4
6
8
10
12
14
16
Io (Amps)
2.5V Std
2.5V Sync
2.5V Sync Lo Rds
Typical Efficiency at Vo=3.5V
70%
75%
80%
85%
90%
95%
0
2
4
6
8
10
12
14
16
Io (Amps)
3.5V Std
3.5V Sync
3.5V Sync Lo Rds
Transient Response Vo=2.8V, Io=300mA to 10A
Typical Ripple, Vo=2.8V, Io=10A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com