Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

URGD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # URGD
Description  SEMICONDUCTOR PROTECTION FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

URGD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  URGD Datasheet HTML 1Page - List of Unclassifed Manufacturers URGD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FRENCH CYLINDRICAL
URGD
SEMICONDUCTOR PROTECTION FUSES
K
U(V)
1,2
1
0,8
0,6
0,4
0,2
0
200
400
600
Um(V)
2000
1000
0
100 200 300 400 500 600 700
Um(V)
2000
1000
0
100 200 300 400 500 600 700
63 to 200A URGD
K
U(V)
1,2
1
0,8
0,6
0,4
0,2
0
200 300
100
400 500 600
63 to 200A URGD
These curves determine the
peak arc voltage across the
fuse terminals as a function of
the applied voltage.
Correction factor to
determine the clearing I
2t of
a fuse operating below its
rated voltage.
250A URGD
250A URGD
These curves indicate, for each rated current, the pre-arcing time vs. the R.M.S. pre-arcing current.
Tolerance for the mean pre-arcing current ± 8%
D 97
D
Melting Time-Current Data
Clearing I
2t vs. AC Operating Voltage
Peak arc Voltage



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com