Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

URGD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # URGD
Description  SEMICONDUCTOR PROTECTION FUSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

URGD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  URGD Datasheet HTML 1Page - List of Unclassifed Manufacturers URGD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRENCH CYLINDRICAL
URGD
SEMICONDUCTOR PROTECTION FUSES
63 A
6.621 CP URGD 27x60/ 63 A 076820
80 A
6.621 CP URGD 27x60/ 80 B 076821
100 A
6.621 CP URGD 27x60/100 C 076822
URGD
660 V
125 A
6.621 CP URGD 27x60/125 D 076823
160 A
6.621 CP URGD 27x60/160 E 076824
200 A
6.621 CP URGD 27x60/200 F 076825
URGD
600 V
250 A
621 CP URGD 27x60/250 W 076264
Minimum operating voltage for trip-indicator: 20 V
Voltage
rating
UN( VAC )
660 V
Class
Current
rating
IN( A )
63
80
100
125
160
200
250
Tested
interrupting rating
200 kA
@ 660 V
200 kA @ 600 V
Total clearing I2t @ UN
I2
tt (A2s)
1840
3750
6800
13600
24600
61500
107000
pre-arcing
I2t @ 1 ms
I2
tp (A2s)
405
860
1620
3425
6480
13700
29600
URGD
URGD
600 V
Watt losses
0.8 IN
IN
12
13.5
15
16
17
18.5
21
22
24.6
27
29.5
32.5
35.7
40
CURRENT
RATING
REF #
CATALOG NO.
27x60 - With blown fuse trip-indicatior
VOLTAGE
TYPE
60,3
Ø 5
7
APPLICATIONS DATA
PART NUMBERS
PROTISTOR® FUSES
600V - 660V AC
URGD from 63 up to 250A
SIZES: 27 X 60mm
Features / Benefits
➤ Extremely high Interrupting rating Fuses:
Protection of power Semiconductors according to
IEC 269.1 and 4
➤ 600V-660V AC Voltage Rating
➤ aR Class according to VDE 636-23 and IEC 269.4
➤ Model according to NF C 63210 and 63211 with
built-in blown fuse indication
D 96


Similar Part No. - URGD

ManufacturerPart #DatasheetDescription
logo
Ultralife Corporation.
URG0002 ULTRALIFE-URG0002 Datasheet
1Mb / 3P
GenSet Eliminator??Skid
Rev: B
logo
List of Unclassifed Man...
URGB1308B ETC1-URGB1308B Datasheet
1Mb / 15P
PLCC-6 TYPE WATER CLEAR RESIN
URGB1313C ETC1-URGB1313C Datasheet
1Mb / 17P
TOP VIEW TYPE TRI-COLOR
URGB1313F ETC1-URGB1313F Datasheet
1Mb / 17P
RIGHT ANGLE TYPE TRI-COLOR
URGB1314C ETC1-URGB1314C Datasheet
1Mb / 17P
TOP VIEW TYPE TRI-COLOR
More results

Similar Description - URGD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A150X ETC2-A150X Datasheet
511Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
SEMICONDUCTOR PROTECTION FUSES
A50P ETC2-A50P Datasheet
226Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
A60X ETC2-A60X Datasheet
435Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
URGG ETC2-URGG Datasheet
347Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
URB ETC2-URB Datasheet
204Kb / 4P
SEMICONDUCTOR PROTECTION FUSES
URE ETC2-URE Datasheet
301Kb / 2P
SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com